công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 40Page - NXP Semiconductors 98ASH70029A Datasheet HTML 41Page - NXP Semiconductors 98ASH70029A Datasheet HTML 42Page - NXP Semiconductors 98ASH70029A Datasheet HTML 43Page - NXP Semiconductors 98ASH70029A Datasheet HTML 44Page - NXP Semiconductors 98ASH70029A Datasheet HTML 45Page - NXP Semiconductors 98ASH70029A Datasheet HTML 46Page - NXP Semiconductors 98ASH70029A Datasheet HTML 47Page - NXP Semiconductors 98ASH70029A Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Table 27. 12-bit ADC Electrical Specifications (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Spurious Free Dynamic Range
SFDR
77
dB
Signal to Noise plus Distortion
SINAD
66
dB
Effective Number of Bits
Gain = 1x (Fully Differential/Unipolar)
Gain = 2x (Fully Differential/Unipolar)
Gain = 4x (Fully Differential/Unipolar)
Gain = 1x (Single Ended)
Gain = 2x (Single Ended)
Gain = 4x (Single Ended)
Variation across channels10
ENOB
—
10.6
—
10.3
10.6
10.4
10.2
0.1
bits
ADC Inputs
Input Leakage Current
IIN
1
nA
Temperature sensor slope
TSLOPE
1.7
mV/°C
Temperature sensor voltage at 25 °C
VTEMP25
0.82
V
Disturbance
Input Injection Current 11
IINJ
+/-3
mA
Channel to Channel Crosstalk12
ISOXTLK
-82
dB
Memory Crosstalk13
MEMXTLK
-71
dB
Input Capacitance
Sampling Capacitor
CADI
4.8
pF
1. The ADC functions up to VDDA = 2.7 V. When VDDA is below 3.0 V, ADC specifications are not guaranteed
2. ADC clock duty cycle is 45% ~ 55%
3. Conversion range is defined for x1 gain setting. For x2 and x4 the range is 1/2 and 1/4, respectively.
4. In unipolar mode, positive input must be ensured to be always greater than negative input.
5. First conversion takes 10 clock cycles.
6. INL/DNL is measured from VIN = VREFL to VIN = VREFH using Histogram method at x1 gain setting
7. Least Significant Bit = 0.806 mV at 3.3 V VDDA, x1 gain Setting
8. Offset measured at 2048 code
9. Measured converting a 1 kHz input full scale sine wave
10. When code runs from internal RAM
11. The current that can be injected into or sourced from an unselected ADC input without affecting the performance of the
ADC
12. Any off-channel with 50 kHz full-scale input to the channel being sampled with DC input (isolation crosstalk)
13. From a previously sampled channel with 50 kHz full-scale input to the channel being sampled with DC input (memory
crosstalk).
8.5.1.1 Equivalent circuit for ADC inputs
The following figure shows the ADC input circuit during sample and hold. S1 and S2 are
always opened/closed at non-overlapping phases, and both S1 and S2 are dependent on
the ADC clock frequency. The following equation gives equivalent input impedance
when the input is selected.
System modules
MC56F826xx, Rev. 0, 08/2018
44
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com