công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors 98ASH70029A Datasheet HTML 38Page - NXP Semiconductors 98ASH70029A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
2. Perform a keyword search for “EMC design.”
7.3.7 Capacitance attributes
Table 12. Capacitance attributes
Description
Symbol
Min.
Typ.
Max.
Unit
Input capacitance
CIN
—
10
—
pF
Output capacitance
COUT
—
10
—
pF
7.4 Switching specifications
7.4.1 Device clock specifications
Table 13. Device clock specifications
Symbol
Description
Min.
Max.
Unit
Notes
Normal run mode
fSYSCLK
Device (system and core) clock frequency
• using relaxation oscillator
• using external clock source
0.001
0
100
100
MHz
fBUS
Bus clock
—
50
MHz
7.4.2 General switching timing
Table 14. Switching timing
Symbol
Description
Min
Max
Unit
Notes
GPIO pin interrupt pulse width1
Synchronous path
1.5
IP Bus
Clock
Cycles
Port rise and fall time (high drive strength), Slew disabled 2.7
≤ VDD ≤ 3.6V.
5.5
15.1
ns
Port rise and fall time (high drive strength), Slew enabled 2.7
≤ VDD ≤ 3.6V.
1.5
6.8
ns
2
Port rise and fall time (low drive strength). Slew disabled . 2.7
≤ VDD ≤ 3.6V
8.2
17.8
ns
Port rise and fall time (low drive strength). Slew enabled . 2.7
≤ VDD ≤ 3.6V
3.2
9.2
ns
3
General
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com