công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 41 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 41 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors 98ASH70029A Datasheet HTML 38Page - NXP Semiconductors 98ASH70029A Datasheet HTML 39Page - NXP Semiconductors 98ASH70029A Datasheet HTML 40Page - NXP Semiconductors 98ASH70029A Datasheet HTML 41Page - NXP Semiconductors 98ASH70029A Datasheet HTML 42Page - NXP Semiconductors 98ASH70029A Datasheet HTML 43Page - NXP Semiconductors 98ASH70029A Datasheet HTML 44Page - NXP Semiconductors 98ASH70029A Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Figure 9. Relaxation Oscillator Temperature Variation (Typical) After Trim (Preliminary)
8.4 Memories and memory interfaces
8.4.1 Flash electrical specifications
This section describes the electrical characteristics of the flash memory module.
8.4.1.1 Flash timing specifications — program and erase
The following specifications represent the amount of time the internal charge pumps are
active and do not include command overhead.
Table 23. NVM program/erase timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
thvpgm4
Longword Program high-voltage time
—
7.5
18
μs
—
Table continues on the next page...
System modules
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60