công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Clock sources
1.6.12.1 On-chip oscillators
• Tunable 8 MHz relaxation oscillator with 400 kHz at standby mode (divide-by-two
output)
• 200 kHz low frequency clock as secondary clock source for COP, EWM, PIT
1.6.12.2 Crystal oscillator
• Support for both high ESR crystal oscillator (ESR greater than 100 Ω) and ceramic
resonator
• Operating frequency: 4–16 MHz
1.6.13 Cyclic Redundancy Check (CRC) Generator
• Hardware CRC generator circuit with 16-bit shift register
• High-speed hardware CRC calculation
• Programmable initial seed value
• CRC16-CCITT compliancy with x16 + x12 + x5 + 1 polynomial
• Error detection for all single, double, odd, and most multibit errors
• Option to transpose input data or output data (CRC result) bitwise, which is required
for certain CRC standards
1.6.14 General Purpose I/O (GPIO)
• 5 V tolerance (except RESETB pin)
• Individual control of peripheral mode or GPIO mode for each pin
• Programmable push-pull or open drain output
• Configurable pullup or pulldown on all input pins
• All pins (except JTAG and RESETB) default to be GPIO inputs
• 2 mA / 9 mA source/sink capability
• Controllable output slew rate
1.7 Block diagrams
The 56800EX core is based on a modified dual Harvard-style architecture, consisting of
three execution units operating in parallel, and allowing as many as six operations per
instruction cycle. The MCU-style programming model and optimized instruction set
1.6.12
Clock sources
MC56F826xx, Rev. 0, 08/2018
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com