công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Table 9. Reset, stop, wait, and interrupt timing
Characteristic
Symbol
Typical Min
Typical
Max
Unit
See
Figure
Minimum RESET Assertion Duration
tRA
161
—
ns
—
RESET deassertion to First Address Fetch
tRDA
865 x TOSC + 8 x T
ns
—
Delay from Interrupt Assertion to Fetch of first
instruction (exiting Stop)
tIF
361.3
570.9
ns
—
1. If the RESET pin filter is enabled by setting the RST_FLT bit in the SIM_CTRL register to 1, the minimum pulse assertion
must be greater than 21 ns. Recommended a capacitor of up to 0.1 µF on RESET.
NOTE
In Table 9, T = system clock cycle and TOSC = oscillator clock
cycle. For an operating frequency of 50MHz, T=20 ns. At 4
MHz (used coming out of reset and stop modes), T=250 ns.
Table 10. Power mode transition behavior
Symbol
Description
Min
Max
Unit
Notes1
TPOR
After a POR event, the amount of delay from when VDD reaches
2.7 V to when the first instruction executes (over the operating
temperature range).
199
225
µs
STOP mode to RUN mode
6.79
7.27.31
µs
2
LPS mode to LPRUN mode
240.9
551
µs
3
VLPS mode to VLPRUN mode
1424
1459
µs
4
WAIT mode to RUN mode
0.570
0.620
µs
5
LPWAIT mode to LPRUN mode
237.2
554
µs
3
VLPWAIT mode to VLPRUN mode
1413
1500
µs
4
1. Wakeup times are measured from GPIO toggle for wakeup till GPIO toggle at the wakeup interrupt subroutine from
respective stop/wait mode.
2. Clock configuration: CPU clock=4 MHz. System clock source is 8 MHz IRC in normal mode.
3. CPU clock = 200 KHz and 8 MHz IRC on standby. Exit by an interrupt on PORTC GPIO.
4. Using 64 KHz external clock; CPU Clock = 32KHz. Exit by an interrupt on PortC GPIO.
5. Clock configuration: CPU and system clocks= 100 MHz. Bus Clock = 50 MHz. .Exit by interrupt on PORTC GPIO
7.3.5 Power consumption operating behaviors
Table 11. Current Consumption (mA)
Mode
Maximum
Frequency
Conditions
Typical at
3.3 V, 25°C
Maximum
at 3.6 V,
105°C
IDD1
IDDA
IDD1
IDDA
RUN1
100 MHz
• 100 MHz Core
• 50 MHz Peripheral clock
• Regulators are in full regulation
38.1
9.9
53.5
13.2
Table continues on the next page...
General
MC56F826xx, Rev. 0, 08/2018
32
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com