công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 46 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 46 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 42Page - NXP Semiconductors 98ASH70029A Datasheet HTML 43Page - NXP Semiconductors 98ASH70029A Datasheet HTML 44Page - NXP Semiconductors 98ASH70029A Datasheet HTML 45Page - NXP Semiconductors 98ASH70029A Datasheet HTML 46Page - NXP Semiconductors 98ASH70029A Datasheet HTML 47Page - NXP Semiconductors 98ASH70029A Datasheet HTML 48Page - NXP Semiconductors 98ASH70029A Datasheet HTML 49Page - NXP Semiconductors 98ASH70029A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Table 28. Comparator and 6-bit DAC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
• CR0[HYSTCTR] = 102
• CR0[HYSTCTR] = 112
—
—
55
80
105
148
mV
mV
VCMPOh
Output high
VDD – 0.5
—
—
V
VCMPOl
Output low
—
—
0.5
V
tDHS
Propagation delay, high-speed mode (EN=1,
PMODE=1)
—
25
50
ns
tDLS
Propagation delay, low-speed mode (EN=1,
PMODE=0)3
—
60
200
ns
Analog comparator initialization delay4
—
40
—
μs
IDAC6b
6-bit DAC current adder (enabled)
—
7
—
μA
6-bit DAC reference inputs, Vin1 and Vin2
There are two reference input options selectable (via
VRSEL control bit). The reference options must fall
within this range.
VDDA
—
VDD
V
INL
6-bit DAC integral non-linearity
–0.5
—
0.5
LSB5
DNL
6-bit DAC differential non-linearity
–0.3
—
0.3
LSB
1. Measured with input voltage range limited to 0 to VDD
2. Measured with input voltage range limited to 0.7≤Vin≤VDD-0.8
3. Input voltage range: 0.1VDD≤Vin≤0.9VDD, step = ±100mV, across all temperature. Does not include PCB and PAD delay.
4. Comparator initialization delay is defined as the time between software writes to change control inputs (Writes to DACEN,
VRSEL, PSEL, MSEL, VOSEL) and the comparator output settling to a stable level.
5. 1 LSB = Vreference/64
System modules
MC56F826xx, Rev. 0, 08/2018
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com