công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
5 V–tolerant I/O is desirable because many systems have a mixture of devices designed
for 3.3 V and 5 V power supplies. In such systems, a bus may carry both 3.3 V– and 5 V–
compatible I/O voltage levels (a standard 3.3 V I/O is designed to receive a maximum
voltage of 3.3 V ± 10% during normal operation without causing damage). This 5 V–
tolerant capability therefore offers the power savings of 3.3 V I/O levels combined with
the ability to receive 5 V levels without damage.
Absolute maximum ratings in Table 5 are stress ratings only, and functional operation at
the maximum is not guaranteed. Stress beyond these ratings may affect device reliability
or cause permanent damage to the device.
Unless otherwise stated, all specifications within this chapter apply to the temperature
range specified in Table 5 over the following supply ranges: VSS=VSSA=0V,
VDD=VDDA=3.0V to 3.6V, CL≤50 pF, fOP=50MHz.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields. However,
normal precautions are advised to avoid application of any
voltages higher than maximum-rated voltages to this high-
impedance circuit. Reliability of operation is enhanced if
unused inputs are tied to an appropriate voltage level.
7.2 AC electrical characteristics
Tests are conducted using the input levels specified in Table 8. Unless otherwise
specified, propagation delays are measured from the 50% to the 50% point, and rise and
fall times are measured between the 10% and 90% points, as shown in Figure 3.
VIH
VIL
Fall Time
Midpoint1
Low
High
90%
50%
10%
Rise Time
The midpoint is VIL + (VIH – VIL)/2.
Input Signal
Figure 3. Input signal measurement references
Figure 4 shows the definitions of the following signal states:
• Active state, when a bus or signal is driven, and enters a low impedance state
• Tri-stated, when a bus or signal is placed in a high impedance state
• Data Valid state, when a signal level has reached VOL or VOH
• Data Invalid state, when a signal level is in transition between VOL and VOH
General
MC56F826xx, Rev. 0, 08/2018
28
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com