công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Table 5. Absolute Maximum Ratings (VSS = 0 V, VSSA = 0 V) (continued)
Characteristic
Symbol
Notes1
Min
Max
Unit
ADC High Voltage Reference
VREFHx
-0.3
4.0
V
Voltage difference VDD to VDDA
ΔVDD
-0.3
0.3
V
Voltage difference VSS to VSSA
ΔVSS
-0.3
0.3
V
Digital Input Voltage Range
VIN
Pin Group 1
-0.3
5.5
V
RESET Input Voltage Range
VIN_RESET
Pin Group 2
-0.3
4.0
V
Oscillator Input Voltage Range
VOSC
Pin Group 4
-0.4
4.0
V
Analog Input Voltage Range
VINA
Pin Group 3
-0.3
4.0
V
Input clamp current, per pin (VIN < VSS - 0.3 V), 2, 3
VIC
—
-5.0
mA
Output clamp current, per pin4
VOC
—
±20.0
mA
Contiguous pin DC injection current—regional limit sum
of 16 contiguous pins
IICont
-25
25
mA
Output Voltage Range (normal push-pull mode)
VOUT
Pin Group 1, 2
-0.3
4.0
V
Output Voltage Range (open drain mode)
VOUTOD
Pin Group 1
-0.3
5.5
V
RESET Output Voltage Range
VOUTOD_RE
SET
Pin Group 2
-0.3
4.0
V
Ambient Temperature
TA
V temperature
-40
105
°C
Junction Temperature
Tj
V temperature
-40
115
°C
Storage Temperature Range (Extended Industrial)
TSTG
-55
150
°C
1. Default Mode
• Pin Group 1: GPIO, TDI, TDO, TMS, TCK
• Pin Group 2: RESET
• Pin Group 3: ADC and Comparator Analog Inputs
• Pin Group 4: XTAL, EXTAL
2. Continuous clamp current
3. All 5 volt tolerant digital I/O pins are internally clamped to VSS through a ESD protection diode. There is no diode
connection to VDD. If VIN greater than VDIO_MIN (= VSS–0.3 V) is observed, then there is no need to provide current
limiting resistors at the pads. If this limit cannot be observed, then a current limiting resistor is required.
4. I/O is configured as push-pull mode.
7 General
7.1 General characteristics
The device is fabricated in high-density, low-power CMOS with 5 V–tolerant TTL-
compatible digital inputs, except for the RESET pin which is 3.3V only. The term “5 V–
tolerant” refers to the capability of an I/O pin, built on a 3.3 V–compatible process
technology, to withstand a voltage up to 5.5 V without damaging the device.
General
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com