công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Invalid State
Data1
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active
Data2 Valid
Data
Tri-stated
Figure 4. Signal states
7.3 Nonswitching electrical specifications
7.3.1 Voltage and current operating requirements
This section includes information about recommended operating conditions.
NOTE
Recommended VDD ramp rate is less than 200 ms.
Table 6. Recommended Operating Conditions (VREFLx=0V, VSSA=0V, VSS=0V)
Characteristic
Symbol
Notes1
Min
Typ
Max
Unit
Supply voltage
VDD, VDDA
2.7
3.3
3.6
V
ADC (Cyclic) Reference Voltage High
VREFHA
VREFHB
VDDA-0.6
VDDA
V
Voltage difference VDD to VDDA
ΔVDD
-0.1
0
0.1
V
Voltage difference VSS to VSSA
ΔVSS
-0.1
0
0.1
V
Input Voltage High (digital inputs)
VIH
Pin Group 1
0.7 x VDD
5.5
V
RESET Voltage High
VIH_RESET
Pin Group 2
0.7 x VDD
—
VDD
V
Input Voltage Low (digital inputs)
VIL
Pin Groups 1, 2
0.35 x VDD
V
Oscillator Input Voltage High
XTAL driven by an external clock source
VIHOSC
Pin Group 4
2.0
VDD + 0.3
V
Oscillator Input Voltage Low
VILOSC
Pin Group 4
-0.3
0.8
V
Output Source Current High (at VOH min.)
• Programmed for low drive strength
• Programmed for high drive strength
IOH
Pin Group 1
Pin Group 1
—
—
-2
-9
mA
Output Source Current Low (at VOL max.)2, 3
• Programmed for low drive strength
• Programmed for high drive strength
IOL
Pin Groups 1, 2
Pin Groups 1, 2
—
—
2
9
mA
1. Default Mode
• Pin Group 1: GPIO, TDI, TDO, TMS, TCK
• Pin Group 2: RESET
• Pin Group 3: ADC and Comparator Analog Inputs
• Pin Group 4: XTAL, EXTAL
2. Total IO sink current and total IO source current are limited to 75 mA each
General
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com