công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 110 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 106Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 107Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 108Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 109Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 110Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 111Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 112Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 113Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
110
Freescale Semiconductor
2.3.7
Port C Data Register (PORTC)
Table 2-7. DDRB Register Field Descriptions
Field
Description
7-0
DDRB
Port B Data Direction—
This register controls the data direction of pins 7 through 0.
The external bus function forces the I/O state to be outputs for all associated pins. In this case the data direction bits
will not change.
When operating a pin as a general purpose I/O, the associated data direction bit determines whether it is an input
or output.
1 Associated pin is configured as output.
0 Associated pin is configured as high-impedance input.
Address 0x0004 (PRR)
Access: User read/write(1)
1. Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other modes the data source
is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
76543210
R
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
W
Altern.
Function
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Reset
00000000
Figure 2-5. Port C Data Register (PORTC)
Table 2-8. PORTC Register Field Descriptions
Field
Description
7-0
PC
Port C general purpose input/output data—Data Register
Port C pins 7 through 0 are associated with data I/O lines DATA[15:8] respectively in expanded modes.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bits of these pins are set to 1, a read returns the value of the port register, otherwise
the buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com