công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 107 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 103Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 104Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 105Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 106Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 107Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 108Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 109Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 110Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
107
Table 2-3. Pin Configuration Summary
NOTE
All register bits in this module are completely synchronous to internal
clocks during a register read.
DDR
IO
RDR
PE
PS(1)
1. Always “0” on Port A, B, C, D, E, K, AD0, and AD1.
IE(2)
2. Applicable only on Port P, H, and J.
Function
Pull Device
Interrupt
0
x
x
0
x
0
Input
Disabled
Disabled
0
x
x
1
0
0
Input
Pull Up
Disabled
0
x
x
1
1
0
Input
Pull Down
Disabled
0
x
x
0
0
1
Input
Disabled
Falling edge
0
x
x
0
1
1
Input
Disabled
Rising edge
0
x
x
1
0
1
Input
Pull Up
Falling edge
0
x
x
1
1
1
Input
Pull Down
Rising edge
1
0
0
x
x
0
Output, full drive to 0
Disabled
Disabled
1
1
0
x
x
0
Output, full drive to 1
Disabled
Disabled
1
0
1
x
x
0
Output, reduced drive to 0
Disabled
Disabled
1
1
1
x
x
0
Output, reduced drive to 1
Disabled
Disabled
1
0
0
x
0
1
Output, full drive to 0
Disabled
Falling edge
1
1
0
x
1
1
Output, full drive to 1
Disabled
Rising edge
1
0
1
x
0
1
Output, reduced drive to 0
Disabled
Falling edge
1
1
1
x
1
1
Output, reduced drive to 1
Disabled
Rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com