công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 378 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 374Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 375Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 376Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 377Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 378Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 379Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 380Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 381Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.21
378
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
Single Stepping
Writing a "1" to the XGSS bit will call the RISC core to execute a single instruction. All RISC core
registers will be updated accordingly.
•
Write accesses to the XGCHID register and the XGCHPL register
XGATE threads can be initiated and terminated through a 16 write access to the XGCHID and the
XGCHPL register or through a 8 bit write access to the XGCHID register. Detailed operation is
shown in Table 10-22. Once a thread has been initiated it’s code can be either single stepped or it
can be executed by leaving debug mode.
NOTE
Even though zero is not a valid interrupt priority level of the S12X_INT
module, a thread of priority level 0 can be initiated in debug mode. The
XGATE handles requests of priority level 0 in the same way as it handles
requests of priority levels 1 to 3.
NOTE
All channels 1 to 127 can be initiated by writing to the XGCHID register,
even if they are not assigned to any peripheral module.
NOTE
In Debug Mode the XGATE will ignore all requests from peripheral
modules.
10.6.1.0.1
Entering Debug Mode
Debug mode can be entered in four ways:
1. Setting XGDBG to "1"
Table 10-22. Initiating and Terminating Threads in Debug Mode
Register Content
Single Cycle Write
Access to...
Action
XGCHID
XGCHPL
XGCHID
XGCHPL
0
0
1..127
-(1)
1. 8 bit write access to XGCHID
Set new XGCHID
Set XGCHPL to 0x01
Initiate new thread
0
0
1..127
0..7
Set new XGCHID
Set new XGCHPL
Initiate new thread
1..127
0..3
1..127
4..7
Interrupt current thread
Set new XGCHID
Set new XGCHPL
Initiate new thread
1..127
0..7
0
0..7
Terminate current thread.
Resume interrupted thread or become idle if
no interrupted thread is pending
-1
All other combinations
No action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com