công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 377 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 373Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 374Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 375Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 376Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 377Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 378Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 379Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 380Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
377
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
10.5
Interrupts
10.5.1
Incoming Interrupt Requests
XGATE threads are triggered by interrupt requests which are routed to the XGATE module (see
S12X_INT Section). Only a subset of the MCU’s interrupt requests can be routed to the XGATE. Which
specific interrupt requests these are and which channel ID they are assigned to is documented in Section
“Interrupts” of the device overview.
10.5.2
Outgoing Interrupt Requests
There are three types of interrupt requests which can be triggered by the XGATE module:
4. Channel interrupts
For each XGATE channel there is an associated interrupt flag in the XGATE interrupt flag vector
(XGIF, see Section 10.3.1.8, “XGATE Channel Interrupt Flag Vector (XGIF)”). These flags can be
set through the "SIF" instruction by the RISC core. They are typically used to flag an interrupt to
the S12X_CPU when the XGATE has completed one of its task.
5. Software triggers
Software triggers are interrupt flags, which can be set and cleared by software (see
Section 10.3.1.9, “XGATE Software Trigger Register (XGSWT)”). They are typically used to
trigger XGATE tasks by the S12X_CPU software. However these interrupts can also be routed to
the S12X_CPU (see S12X_INT Section) and triggered by the XGATE software.
6. Software error interrupt
The software error interrupt signals to the S12X_CPU the detection of an error condition in the
XGATE application code (see Section 10.4.5, “Software Error Detection”). This is a non-maskable
interrupt. Executing the interrupt service routine will automatically reset the interrupt line.
All outgoing XGATE interrupts, except software error interrupts, can be disabled by the XGIE bit in the
XGATE module control register (XGMCTL, see Section 10.3.1.1, “XGATE Control Register
(XGMCTL)”).
10.6
Debug Mode
The XGATE debug mode is a feature to allow debugging of application code.
10.6.1
Debug Features
In debug mode the RISC core will be halted and the following debug features will be enabled:
•
Read and Write accesses to RISC core registers (XGCCR, XGPC, XGR1–XGR7)1
All RISC core registers can be modified. Leaving debug mode will cause the RISC core to continue
program execution with the modified register values.
1. Only possible if MCU is unsecured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com