công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 362 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 358Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 359Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 360Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 361Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 362Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 363Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 364Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 365Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.21
362
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
10.3.1.6
XGATE Initial Stack Pointer for Interrupt Priorities 3 to 1 (XGISP31)
The XGISP31 register is intended to point to the stack region that is used by XGATE channels of priority
3 to 1. Every time a thread of such priority is started, RISC core register R7 will be initialized with the
content of XGISP31.
Read: Anytime
Write: Only if XGATE requests are disabled (XGE = 0) and idle (XGCHID = $00))
10.3.1.7
XGATE Vector Base Address Register (XGVBR)
The Vector Base Address Register (Figure 10-9) determines the location of the XGATE vector block (see
Section Figure 10-23., “XGATE Vector Block).
Read: Anytime
Write: Only if XGATE requests are disabled (XGE = 0) and idle (XGCHID = $00))
Table 10-7. XGISP74 Field Descriptions
Field
Description
15–1
XBISP74[15:1]
Initial Stack Pointer— The XGISP74 register holds the initial value of RISC core register R7, for threads of
priority 7 to 4.
Module Base +0x0006
15
14
13
12
11
10
9876543210
R
XGISP31[15:1]
0
W
Reset
0000000000000000
= Unimplemented or Reserved
Figure 10-8. XGATE Initial Stack Pointer for Interrupt Priorities 3 to 1 (XGISP31)
Table 10-8. XGISP31 Field Descriptions
Field
Description
15–1
XBISP31[15:1]
Initial Stack Pointer— The XGISP31 register holds the initial value of RISC core register R7, for threads of
priority 3 to 1.
Module Base +0x0006
15
14
13
12
11
10
9876543210
R
XGVBR[15:1]
0
W
Reset
1111111000000000
= Unimplemented or Reserved
Figure 10-9. XGATE Vector Base Address Register (XGVBR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com