công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 360 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 356Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 357Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 358Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 359Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 360Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 361Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 362Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 363Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.21
360
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Read: Anytime
Write: In Debug Mode1
10.3.1.3
XGATE Channel Priority Level (XGCHPL)
The XGATE Channel Priority Level Register (Figure 10-5) shows the priority level of the current thread.
In debug mode this register can be used to select a priority level when launching a thread (see
Section 10.6.1, “Debug Features”).
Read: Anytime
Write: In Debug Mode1
10.3.1.4
XGATE Initial Stack Pointer Select Register (XGISPSEL)
The XGATE Initial Stack Pointer Select Register (Figure 10-6) determines the register which is mapped
to address “Module Base +0x0006”. A value of zero selects the Vector Base Register (XGVBR). Setting
Module Base +0x0002
76543210
R
0
XGCHID[6:0]
W
Reset
00000000
= Unimplemented or Reserved
Figure 10-4. XGATE Channel ID Register (XGCHID)
Table 10-3. XGCHID Field Descriptions
Field
Description
6–0
XGCHID[6:0]
Request Identifier — ID of the currently active channel
1. Refer to Section 10.6.1, “Debug Features”
Module Base +0x0003
76543210
R
00000
XGCHPL[2:0]
W
Reset
00000000
= Unimplemented or Reserved
Figure 10-5. XGATE Channel Priority Level Register (XGCHPL)
Table 10-4. XGCHPL Field Descriptions
Field
Description
2-0
XGCHPL[2:0]
Priority Level— Priority level of the currently active channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com