công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 305 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 305 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 301Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 302Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 303Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 304Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 305Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 306Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 307Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 308Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
305
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
External CPU12X instruction tagging trigger independent of comparators
•
XGATE S/W breakpoint request trigger independent of comparators
•
TRIG Immediate software trigger independent of comparators
•
Four trace modes
— Normal: change of flow (COF) PC information is stored (see Section 8.4.5.2.1) for change of
flow definition.
— Loop1: same as Normal but inhibits consecutive duplicate source address entries
— Detail: address and data for all cycles except free cycles and opcode fetches are stored
— Pure PC: All program counter addresses are stored.
•
4-stage state sequencer for trace buffer control
— Tracing session trigger linked to Final State of state sequencer
— Begin, End, and Mid alignment of tracing to trigger
8.1.4
Modes of Operation
The S12XDBG module can be used in all MCU functional modes.
During BDM hardware accesses and whilst the BDM module is active, CPU12X monitoring is disabled.
Thus breakpoints, comparators, and CPU12X bus tracing are disabled but XGATE bus monitoring
accessing the S12XDBG registers, including comparator registers, is still possible. While in active BDM
or during hardware BDM accesses, XGATE activity can still be compared, traced and can be used to
generate a breakpoint to the XGATE module. When the CPU12X enters active BDM Mode through a
BACKGROUND command, with the S12XDBG module armed, the S12XDBG remains armed.
The S12XDBG module tracing is disabled if the MCU is secure. However, breakpoints can still be
generated if the MCU is secure.
Table 8-3. Mode Dependent Restriction Summary
BDM
Enable
BDM
Active
MCU
Secure
Comparator
Matches Enabled
Breakpoints
Possible
Tagging
Possible
Tracing
Possible
x
x
1
Yes
Yes
Yes
No
0
0
0
Yes
Only SWI
Yes
Yes
0
1
0
Active BDM not possible when not enabled
1
0
0
Yes
Yes
Yes
Yes
1
1
0
XGATE only
XGATE only
XGATE only
XGATE only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com