công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 304 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 304 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 300Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 301Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 302Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 303Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 304Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 305Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 306Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 307Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 308Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual , Rev. 1.21
304
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
8.1.2
Overview
The comparators monitor the bus activity of the CPU12X and XGATE. When a match occurs the control
logic can trigger the state sequencer to a new state. On a transition to the Final State, bus tracing is triggered
and/or a breakpoint can be generated.
Independent of comparator matches a transition to Final State with associated tracing and breakpoint can
be triggered by the external TAGHI and TAGLO signals, or by an XGATE module S/W breakpoint request
or by writing to the TRIG control bit.
The trace buffer is visible through a 2-byte window in the register address map and can be read out using
standard 16-bit word reads. Tracing is disabled when the MCU system is secured.
8.1.3
Features
•
Four comparators (A, B, C, and D)
— Comparators A and C compare the full address bus and full 16-bit data bus
— Comparators A and C feature a data bus mask register
— Comparators B and D compare the full address bus only
— Each comparator can be configured to monitor CPU12X or XGATE buses
— Each comparator features selection of read or write access cycles
— Comparators B and D allow selection of byte or word access cycles
— Comparisons can be used as triggers for the state sequencer
•
Three comparator modes
— Simple address/data comparator match mode
— Inside address range mode, Addmin
≤ Address ≤ Addmax
— Outside address range match mode, Address
< Addmin or Address > Addmax
•
Two types of triggers
— Tagged — This triggers just before a specific instruction begins execution
— Force — This triggers on the first instruction boundary after a match occurs.
•
The following types of breakpoints
— CPU12X breakpoint entering BDM on breakpoint (BDM)
— CPU12X breakpoint executing SWI on breakpoint (SWI)
— XGATE breakpoint
WORD
16 bit data entity
Data Line
64 bit data entity
CPU
CPU12X module
Tag
Tags can be attached to XGATE or CPU opcodes as they enter the instruction pipe. If the tagged opcode
reaches the execution stage a tag hit occurs.
Table 8-2. Glossary Of Terms (continued)
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com