công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 272 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 268Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 269Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 270Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 271Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 272Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 273Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 274Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 275Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1324 page
background image
Chapter 6 Interrupt (S12XINTV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
272
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
6.4.1
S12X Exception Requests
The CPU handles both reset requests and interrupt requests. The XINT module contains registers to
configure the priority level of each I bit maskable interrupt request which can be used to implement an
interrupt priority scheme. This also includes the possibility to nest interrupt requests. A priority decoder
is used to evaluate the priority of a pending interrupt request.
6.4.2
Interrupt Prioritization
After system reset all interrupt requests with a vector address lower than or equal to (vector base + 0x00F2)
are enabled, are set up to be handled by the CPU and have a pre-configured priority level of 1. Exceptions
to this rule are the non-maskable interrupt requests and the spurious interrupt vector request at (vector base
+ 0x0010) which cannot be disabled, are always handled by the CPU and have a fixed priority levels. A
priority level of 0 effectively disables the associated I bit maskable interrupt request.
If more than one interrupt request is configured to the same interrupt priority level the interrupt request
with the higher vector address wins the prioritization.
The following conditions must be met for an I bit maskable interrupt request to be processed.
1. The local interrupt enabled bit in the peripheral module must be set.
2. The setup in the configuration register associated with the interrupt request channel must meet the
following conditions:
a) The XGATE request enable bit must be 0 to have the CPU handle the interrupt request.
b) The priority level must be set to non zero.
c) The priority level must be greater than the current interrupt processing level in the condition
code register (CCR) of the CPU (PRIOLVL[2:0] > IPL[2:0]).
3. The I bit in the condition code register (CCR) of the CPU must be cleared.
4. There is no access violation interrupt request pending.
5. There is no SYS, SWI, BDM, TRAP, or XIRQ request pending.
NOTE
All non I bit maskable interrupt requests always have higher priority than
I bit maskable interrupt requests. If an I bit maskable interrupt request is
interrupted by a non I bit maskable interrupt request, the currently active
interrupt processing level (IPL) remains unaffected. It is possible to nest
non I bit maskable interrupt requests, e.g., by nesting SWI or TRAP calls.
6.4.2.1
Interrupt Priority Stack
The current interrupt processing level (IPL) is stored in the condition code register (CCR) of the CPU. This
way the current IPL is automatically pushed to the stack by the standard interrupt stacking procedure. The
new IPL is copied to the CCR from the priority level of the highest priority active interrupt request channel
which is configured to be handled by the CPU. The copying takes place when the interrupt vector is
fetched. The previous IPL is automatically restored by executing the RTI instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com