công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 268 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 268 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 264Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 265Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 266Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 267Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 268Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 269Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 270Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 271Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 1324 page
background image
Chapter 6 Interrupt (S12XINTV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
268
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
6.3.2.3
Interrupt Request Configuration Address Register (INT_CFADDR)
Read: Anytime
Write: Anytime
6.3.2.4
Interrupt Request Configuration Data Registers (INT_CFDATA0–7)
The eight register window visible at addresses INT_CFDATA0–7 contains the configuration data for the
block of eight interrupt requests (out of 128) selected by the interrupt configuration address register
(INT_CFADDR) in ascending order. INT_CFDATA0 represents the interrupt configuration data register
of the vector with the lowest address in this block, while INT_CFDATA7 represents the interrupt
configuration data register of the vector with the highest address, respectively.
Table 6-6. XGATE Interrupt Priority Levels
Priority
XILVL2
XILVL1
XILVL0
Meaning
0
0
0
Interrupt request is disabled
low
0
0
1
Priority level 1
0
1
0
Priority level 2
0
1
1
Priority level 3
1
0
0
Priority level 4
1
0
1
Priority level 5
1
1
0
Priority level 6
high
1
1
1
Priority level 7
Address: 0x0127
76543210
R
INT_CFADDR[7:4]
0000
W
Reset
0
0
0
10000
= Unimplemented or Reserved
Figure 6-5. Interrupt Configuration Address Register (INT_CFADDR)
Table 6-7. INT_CFADDR Field Descriptions
Field
Description
7–4
INT_CFADDR[7:4]
Interrupt Request Configuration Data Register Select Bits — These bits determine which of the 128
configuration data registers are accessible in the 8 register window at INT_CFDATA0–7. The hexadecimal
value written to this register corresponds to the upper nibble of the lower byte of the address of the interrupt
vector, i.e., writing 0xE0 to this register selects the configuration data register block for the 8 interrupt vector
requests starting with vector at address (vector base + 0x00E0) to be accessible as INT_CFDATA0–7.
Note: Writing all 0s selects non-existing configuration registers. In this case write accesses to
INT_CFDATA0–7 will be ignored and read accesses will return all 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com