công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 239 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 239 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 237Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 238Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 239Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 240Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 241Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 242Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1324 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
239
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
ranges with the NEX bit set adjacent to memory used for program code. The best way to do this would be
to leave some fill-bytes between the memory ranges in this case, i.e. do not set the upper memory boundary
to the address of the last op-code but to a following address which is at least two words (four bytes) away.
4.4.2
Interrupts
This section describes all interrupts originated by the MPU module.
4.4.2.1
Description of Interrupt Operation
The MPU module generates one interrupt request. It cannot be masked locally in the MPU module and is
meant to be used as the source of a non-maskable hardware interrupt request for the S12X CPU
4.4.2.2
CPU Access Error Interrupt
An S12X CPU access error interrupt request is generated if the MPU module has detected an illegal
memory access originating from the S12X CPU. This is a non-maskable hardware interrupt. Due to the
non-maskable nature of this interrupt, the de-assertion of this interrupt request is coupled to the S12X CPU
interrupt vector fetch instead of the local access error flag (AEF). This means leaving the access error flag
(AEF) in the MPUFLG register set will not cause the same interrupt to be serviced again after leaving the
interrupt service routine with “RTI”. Instead, the interrupt request will be asserted again only when the
next illegal S12X CPU access is detected.
4.5
Initialization/Application Information
4.5.1
Initialization
After reset the MPU module is in an unconfigured state, with all eight protection descriptors covering the
whole memory map. The master bits are all set for descriptor “0” and cleared for all other descriptors. The
S12XCPU in supervisor state can access everything because the SVSEN bit in the MPUSEL register is
cleared by a system reset. After system reset every master has full access to the memory map because of
descriptor “0”.
In order to use the MPU module to protect memory ranges from undesired accesses, software needs to:
•
Initialize the protection descriptors.
•
Make sure there are meaningful interrupt service routines defined for the Access Violation
interrupts because these are non-maskable (See S12XINT chapter for details).
•
Initialize peripherals and other masters for use (i.e. set-up XGATE, Master3 if applicable).
•
Enable the MPU protection for the S12X CPU in supervisor state, if desired.
•
Switch the S12X CPU to user state, if desired.
Table 4-15. Interrupt vectors
Interrupt Source
CCR Mask Local Enable
S12X CPU access error interrupt (AEF)
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com