công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 238 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 238 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 237Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 238Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 239Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 240Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 241Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 242Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1324 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
238
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
NOTE
Configuring the lower boundary address of a descriptor to be higher than the
upper boundary address of a descriptor causes this descriptor to be ignored
by the comparator block. This effectively disables the descriptor.
NOTE
Avoid changing descriptors while they are in active use to validate accesses
from bus-masters. This can be done by temporarily disabling the affected
master during the update (XGATE, Master 3, switch S12X CPU states).
Otherwise accesses from bus-masters affected by a descriptor which is
updated concurrently could yield undefined results.
4.4.1.1
Overlapping Descriptors
If the memory ranges of two protection descriptors defined for the same bus-master overlap, the access
restrictions for the overlapped memory range are accumulated. For example:
•
a memory protection descriptor defines memory range 0x40_0000
−0x41_FFFF as WP=1, NEX=0
(read and execute)
•
another descriptor defines memory range 0x41_0000
−0x43_FFFF as WP=0, NEX=1 (read and
write)
•
the resulting access rights for the overlapping range 0x41_0000
−0x41_FFFF are WP=1, NEX=1
(read only)
4.4.1.2
Implicitly defined memory descriptors
As mentioned in the bit description of the Access Error Flag (AEF) in the MPUFLG register (Table 4-3),
there is an additional memory range implicitly defined only while the AEF bit is set:
The CPU in
supervisor state can read from and write to the peripheral register space even if there is no memory
protection descriptor explicitly allowing this. This is to prevent the case that the CPU cannot clear the AEF
bit if the registers are write protected for the CPU in supervisor state.
The register address space containing the PAGE registers (EPAGE, RPAGE, GPAGE, PPAGE) at 0x0010
−
0x0017 gets special treatment. It is defined like this:
•
The S12X CPU can always read and write these registers, regardless of the configuration in the
descriptors.
•
XGATE or Master3 (if available) are never allowed to read or write these registers, even if the
descriptor configuration allows accesses for other masters than the S12X CPU.
4.4.1.3
Op-code pre-fetch cycles and the NEX bit
Some bus-masters (CPU, XGATE) do a pre-fetch of program-code past the current instruction. The
S12XCPU pre-fetches two words past the current instruction, the XGATE pre-fetches one word, even if
the pre-fetched code is not executed. The MPU module has no way of knowing this at the time when the
pre-fetch cycles occur. Therefore this will result in an access violation if the op-code pre-fetch accesses a
memory range marked as “No-Execute” (NEX=1). This must be taken into account when defining memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com