công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 181 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 177Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 178Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 179Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 180Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 181Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 182Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 183Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 184Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
181
8.4.1.6
PLL Bypassed External (PBE)
In PLL bypassed external (PBE) mode, the MCGOUT clock is derived from the external reference clock
and the PLL is operational but its output clock is not used. This mode is useful to allow the PLL to acquire
its target frequency while the MCGOUT clock is driven from the external reference clock.
The PLL bypassed external mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 1
•
RDIV bits are written to divide reference clock to be within the range of 1 MHz to 2 MHz
•
LP bit is written to 0
In PLL bypassed external mode, the MCGOUT clock is derived from the external reference clock. The
external reference clock which is enabled can be an external crystal/resonator or it can be another external
clock source. The PLL clock frequency locks to a multiplication factor, as selected by the VDIV bits, times
the external reference frequency, as selected by the RDIV, RANGE and DIV32 bits. If BDM is enabled
then the MCGLCLK is derived from the DCO (open-loop mode) divided by two. If BDM is not enabled
then the FLL is disabled in a low power state.
In this mode, the DRST bit reads 0 regardless of whether the DRS bit is set to 1 or 0.
8.4.1.7
Bypassed Low Power Internal (BLPI)
The bypassed low power internal (BLPI) mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
LP bit is written to 1
•
BDM mode is not active
In bypassed low power internal mode, the MCGOUT clock is derived from the internal reference clock.
The PLL and the FLL are disabled at all times in BLPI mode and the MCGLCLK will not be available for
BDC communications If the BDM becomes active the mode will switch to FLL bypassed internal (FBI)
mode.
In this mode, the DRST bit reads 0 regardless of whether the DRS bit is set to 1 or 0.
8.4.1.8
Bypassed Low Power External (BLPE)
The bypassed low power external (BLPE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 0 or 1
•
LP bit is written to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com