công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 179 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 176Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 177Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 178Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 179Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 180Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 181Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 182Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
179
The nine states of the MCG are shown as a state diagram and are described below. The arrows indicate the
allowed movements between the states.
8.4.1.1
FLL Engaged Internal (FEI)
FLL engaged internal (FEI) is the default mode of operation and is entered when all the following
conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 1
•
PLLS bit is written to 0
In FLL engaged internal mode, the MCGOUT clock is derived from the FLL clock, which is controlled by
the internal reference clock. The FLL clock frequency locks to a multiplication factor, as selected by the
DRS and DMX32 bits, times the internal reference frequency. The MCGLCLK is derived from the FLL
and the PLL is disabled in a low power state.
8.4.1.2
FLL Engaged External (FEE)
The FLL engaged external (FEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
PLLS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
In FLL engaged external mode, the MCGOUT clock is derived from the FLL clock which is controlled by
the external reference clock. The external reference clock which is enabled can be an external
crystal/resonator or it can be another external clock source.The FLL clock frequency locks to a
multiplication factor, as selected by the DRS and DMX32 bits, times the external reference frequency, as
selected by the RDIV, RANGE and DIV32 bits. The MCGLCLK is derived from the FLL and the PLL is
disabled in a low power state.
8.4.1.3
FLL Bypassed Internal (FBI)
In FLL bypassed internal (FBI) mode, the MCGOUT clock is derived from the internal reference clock
and the FLL is operational but its output clock is not used. This mode is useful to allow the FLL to acquire
its target frequency while the MCGOUT clock is driven from the internal reference clock.
The FLL bypassed internal mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
LP bit is written to 0
In FLL bypassed internal mode, the MCGOUT clock is derived from the internal reference clock. The FLL
clock is controlled by the internal reference clock, and the FLL clock frequency locks to a multiplication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com