công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 177 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 176Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 177Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 178Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 179Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 180Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
177
8.3.6
MCG Test and Control Register (MCGT)
dco_select
7
654
3
210
R0
0
DMX32
0
0
0
0
DRST
W
DRS
Reset:
0
0
0
0
0
0
0
1
Figure 8-8. MCG Test and Control Register (MCGT)
Table 8-8. MCG Test and Control Register Field Descriptions
Field
Description
7:6
Reserved for test, user code should not write 1’s to these bits.
5
DMX32
DCO Maximum frequency with 32.768 kHz reference — The DMX32 bit controls whether or not the DCO
frequency range is narrowed to its maximum frequency with a 32.768 kHz reference. See Table 8-9.
0 DCO has default range of 25%.
1 DCO is fined tuned for maximum frequency with 32.768 kHz reference.
4:1
Reserved for test, user code should not write 1’s to these bits.
0
DRST
DRS
DCO Range Status — The DRST read bit indicates the current frequency range for the FLL output, DCOOUT.
See Table 8-9. The DRST bit does not update immediately after a write to the DRS field due to internal
synchronization between clock domains. The DRST bit is not valid in BLPI, BLPE, PBE or PEE mode and it reads
zero regardless of the DCO range selected by the DRS bit.
DCO Range Select — The DRS bit selects the frequency range for the FLL output, DCOOUT. Writes to the DRS
bit while either the LP or PLLS bit is set are ignored.
0 Low range.
1 Mid range.
Table 8-9. DCO frequency range1
1 The resulting bus clock frequency should not exceed the maximum specified bus
clock frequency of the device.
DRS
DMX32
Reference range
FLL factor
DCO range
0
0
31.25 - 39.0625 kHz
512
16 - 20 MHz
1
32.768 kHz
608
19.92 MHz
1
0
31.25 - 39.0625 kHz
1024
32 - 40 MHz
1
32.768 kHz
1216
39.85 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com