công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 140 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 140 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 136Page - NEC MPD78CP18KB Datasheet HTML 137Page - NEC MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC MPD78CP18KB Datasheet HTML 140Page - NEC MPD78CP18KB Datasheet HTML 141Page - NEC MPD78CP18KB Datasheet HTML 142Page - NEC MPD78CP18KB Datasheet HTML 143Page - NEC MPD78CP18KB Datasheet HTML 144Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
122
In the synchronous mode, as shown in Figure 7-7, the transmit data has a fixed character length of 8 bits with
no parity bit, and is transferred LSB-first on the falling edge of the serial clock (SCK). Receive data is input on the
rising edge of SCK.
Figure 7-7. Synchronous Mode Timing
6
7
01
2
3
45
6
7
0
1
2
LSB
MSB
LSB
MSB
1 data transfer
SCK
Serial data
(1) Data transmission
A transmit operation in the synchronous mode is enabled by setting (1) the TxE bit of the serial mode high
register (SMH).
When data is written to the transmit buffer register by a MOV TXB, A instruction and the previous data transfer
is terminated, the transmit buffer register contents are transferred to the serial register, converted into serial
data, and transmitted LSB-first from TxD in synchronization with the falling edge of SCK. Serial data is
transmitted at the same rate as SCK.
When data is transferred from the transmit buffer register to the serial register and the transmit buffer register
becomes empty, an interrupt request (INTST) is generated.
Serial transmission interrupts are disabled by setting (1) the MKST bit of the interrupt mask register.
When the TxE bit is "0" or when the serial register contains not data to be transmitted, the TxD pin assumes
the mark status (1).
However, when an external clock is used, the mark status is assumed after output of a 1-bit low-level pulse.
The maximum data transfer rate in transmission is 625 kbps when an internal clock is used as SCK, and 1.25
Mbps when an external clock is used (at 15 MHz operation).
(2) Data reception
A receive operation in the synchronous mode is enabled by setting (1) the RxE bit of serial mode high register
(SMH). Receive data is input on the rising edge of SCK.
Two kinds of receive operations are available in the synchronous mode and can be controlled by the SE bit
of the serial mode high register (SMH).
When the SE bit is set (1), the search mode is set. Each time one bit is sent to the MSB of the serial register
from the RxD pin, the serial register contents are transferred to the receive buffer register and a serial
reception interrupt (INTSR) is generated. Since the
µPD78C18 is not provided with a circuit for detecting
synchronization characters by hardware, it is necessary to detect the synchronization characters by software.
When a synchronization character is detected and reception is synchronized, the SE bit is reset (0).
Resetting (0) the SE bit sets the character reception mode. Each time 8-bit data is received, the serial register
contents are transferred to the receive buffer register and a serial reception interrupt (INTSR) is generated.
Serial reception interrupts are disabled by setting (1) the MKSR bit of the interrupt mask register (MKH).
The maximum data transfer rate in reception is 625 kbps when an internal clock is used as SCK, and 1.25
Mbps when an external clock is used (at 15 MHz operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com