công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 80 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 80 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 76Page - NEC MPD78CP18KB Datasheet HTML 77Page - NEC MPD78CP18KB Datasheet HTML 78Page - NEC MPD78CP18KB Datasheet HTML 79Page - NEC MPD78CP18KB Datasheet HTML 80Page - NEC MPD78CP18KB Datasheet HTML 81Page - NEC MPD78CP18KB Datasheet HTML 82Page - NEC MPD78CP18KB Datasheet HTML 83Page - NEC MPD78CP18KB Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
62
(1) When specified as output port (MAn=0)
The output latch is effective, enabling data exchange by a transfer instruction between the output latch and
the accumulator. Direct bit setting/resetting of output latch contents is possible by an arithmetic or logical
operation instruction without the use of an accumulator. Once data is written to the output latch, the data
is held until a port A manipulation instruction is executed or the data is reset.
Figure 4-3. Port A Specified as Output Port
(2) When specified as input port (MAn=1)
PA line contents can be loaded into an accumulator by a transfer instruction. They can also be directly tested
bit-wise by an arithmetic or logical operation instruction without the use of an accumulator. In this case, too,
writing to the output latch is possible and data transferred from the accumulator by a transfer instruction is
stored in the entire output latch without regard to the input/output setting of the port. However, the output
latch contents for bits specified as input port bits cannot be loaded into the accumulator, and since the output
buffer is high-impedance, the contents are not output to an external pin (operating as an input pin). Thus data
stored in the output latch can be output to the external pin and loaded into the accumulator when the bit is
switched to output port mode.
Since input data is not latched, stable input is necessary when executing a data transfer instruction or a bit
test, etc.
Figure 4-4. Port A Specified as Input Port
WRP
RD0
Output
latch
PAn
WRP
RD1
Output
latch
PAn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com