công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 81 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 81 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 77Page - NEC MPD78CP18KB Datasheet HTML 78Page - NEC MPD78CP18KB Datasheet HTML 79Page - NEC MPD78CP18KB Datasheet HTML 80Page - NEC MPD78CP18KB Datasheet HTML 81Page - NEC MPD78CP18KB Datasheet HTML 82Page - NEC MPD78CP18KB Datasheet HTML 83Page - NEC MPD78CP18KB Datasheet HTML 84Page - NEC MPD78CP18KB Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
63
(3) Port A manipulation
Actual execution of an instruction which manipulates port A is performed as an 8-bit unit. If a port A read
instruction (MOV A, PA) is executed, the input line contents of the port specified for input and the output
latch contents of the port specified for output are loaded into an accumulator. When a port A write instruction
(MOV PA, A) is executed, data is written to the output latch of both ports specified for input and output, but
the output latch contents of a port specified as input are not output to an external pin.
Here, the data input/output manipulation is described when the high-order 4 bits (PA7 to PA4) of port A are
used as an active-low output port, and the low-order 4 bits (PA3 to PA0) are used as an input port. Since
the initial status of PA7 to PA0 after a reset is the input port status (high-impedance), the PA7 to PA4 output
port pins used as active-low have to be raised to the high level with a pull-up resistor to make them inactive.
Also, since the output latch contents are undefined after a reset, the active level (low) may be output at the
point of specification as an output port. Therefore, all ones should be written to the PA7 to PA4 output latches
before specification as an output port.
Active-low output
VDD
PD78C18
µ
PA7
PA4
PA3
PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com