công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 77 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 77 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 73Page - NEC MPD78CP18KB Datasheet HTML 74Page - NEC MPD78CP18KB Datasheet HTML 75Page - NEC MPD78CP18KB Datasheet HTML 76Page - NEC MPD78CP18KB Datasheet HTML 77Page - NEC MPD78CP18KB Datasheet HTML 78Page - NEC MPD78CP18KB Datasheet HTML 79Page - NEC MPD78CP18KB Datasheet HTML 80Page - NEC MPD78CP18KB Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 373 page
background image
CHAPTER 3
INTERNAL BLOCK FUNCTIONS
59
The zero-cross detection function can use the 50/60 Hz power signal as the basis for system timing. Further,
a special characteristic of the zero-cross function is that it can be used for servicing of interrupts at the zero-voltage
point. This makes it possible to control a device which uses voltage phase sensing such as a TRIAC or SCR, and
allows the
µPD78C18 to be used for applications such as shaft speed and angle measurement.
When a capacitor is not connected to the INT1 and INT2 pins, they function as digital input pins.
The format of the zero-cross mode register (ZCM), which controls self-bias for zero-cross detection of the INT1
and INT2/TI pins, is shown in Figure 3-15.
Figure 3-15. Zero-Cross Mode Register Format
7
–
6
–
5
–
4
–
3
–
2
ZC2
1
ZC1
0
–
ZCM
0
1
No self-bias generation
Self-bias generation
0
1
No self-bias generation
Self-bias generation
INT1 pin
INT2/TI pin
When the ZC1 and ZC2 bits of the zero-cross mode register are set to to "0", a self-bias for zero-cross detection
of each pin is not generated and each pin responds as a normal digital input.
When the ZC1 and ZC2 bits are set to "1", a self-bias is generated and an AC input signal zero-cross can be detected
by connecting a capacitor to each pin. Each pin with ZC1 and ZC2 bits set to "1" can be directly driven without the
use of an external capacitor. In this case, each pin responds as a digital input. However, an input load current is
necessary and an external circuit output driver must be considered. Thus, when no zero-cross detection is executed
and each pin is used simply as an interrupt input or timer input, the ZC1 and ZC2 bits of the zero-cross mode register
should be set to "0".
RESET input sets both the ZC1 and ZC2 bit to "1" and a self-bias is generated.
When the PC3 (INT2/TI) pins is in port mode, no self-bias is generated regardless of the ZCM register setting.
Cautions 1. Unlike other CMOS circuits, a supply current is always present in the zero-cross detector
because of its operation points. This also applies in the standby modes (HALT and software/
hardware STOP modes). Thus, when the zero-cross detector is operated (with self-bias
generation: ZCx=1), slightly more current flows than without zero-cross detector operation,
and its effect is greater in the software STOP mode.
2. When the PC3 pin is used for zero-cross detection in the
µPD78C18/78C14A/78C12A/78C11A,
no pull-up resistor should be incorporated.
In the hardware STOP mode, self-bias generation is stopped automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com