| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 75 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 75 Page - NEC |
|
75 / 373 page ![]() CHAPTER 3 INTERNAL BLOCK FUNCTIONS 57 3.6 Timers The timer system comprises two 8-bit interval timers. The two interval timers can also be cascaded to operate as a 16-bit interval timer The elapse of the interval time can be identified by the generation of a timer interrupt. In addition, a square wave with the interval time as a half-cycle is obtained from the TO pin (see CHAPTER 5 TIMER FUNCTIONS for details). 3.7 Timer/Event Counter This is a 16-bit timer/event counter which performs the following operations according to the operating mode set by the program (see CHAPTER 6 TIMER/EVENT COUNTER FUNCTIONS for details). • Interval timer function • Event counter function • Frequency measurement • Pulse width measurement • Programmable square-wave output 3.8 Serial Interface This interface is used to perform serial data transfers in a multi-processor configuration or with various terminals, and operates in asynchronous mode, synchronous mode, and I/O interface mode (see CHAPTER 7 SERIAL INTERFACE FUNCTIONS for details). 3.9 Analog/Digital Converter This consists of an 8-bit A/D converter with 8 analog inputs which uses the high-precision successive approximation method, and 4 conversion result registers (CR0 to CR3) which hold the conversion results. With two analog input selection methods, scan mode and select mode, and 4 registers (CR0 to CR3) to hold the conversion results, software overhead is minimized (see CHAPTER 8 ANALOG/DIGITAL CONVERTER FUNCTIONS for details). 3.10 Interrupt Control There are 3 kinds of external interrupt request and 8 kinds of internal interrupt request, controlled according to the status and priority of the interrupt mask register. The 11 kinds of interrupt requests are divided into 6 groups, with 6 different priorities and 6 different interrupt addresses (see CHAPTER 9 INTERRUPT CONTROL FUNCTIONS for details). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |