công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 88 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 88 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 84Page - NEC MPD78CP18KB Datasheet HTML 85Page - NEC MPD78CP18KB Datasheet HTML 86Page - NEC MPD78CP18KB Datasheet HTML 87Page - NEC MPD78CP18KB Datasheet HTML 88Page - NEC MPD78CP18KB Datasheet HTML 89Page - NEC MPD78CP18KB Datasheet HTML 90Page - NEC MPD78CP18KB Datasheet HTML 91Page - NEC MPD78CP18KB Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
70
4.4 Port D (PD7 to PD0)
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14
Port D is an 8-bit special input/output port; in addition to functioning as a general-purpose input/output port (port
mode), this port also functions as a multiplexed address/data bus.
Port/expansion mode can be specified for port D as a byte unit by means of the memory mapping register (see
Table 4-1).
Table 4-1. Operation of PD7 to PD0 (
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14)
MM2, MM1=0, 0
MM2, MM1
≠0, 0
PD7 to PD0
Port mode
Expansion mode
Port D is set to port mode when the MM2 and MM1 bits of the memory mapping register are reset (0), and to
expansion mode in all other cases (see 11.1.1 Memory mapping register (MM)).
(1) Port mode
Port D is an 8-bit input/output port which has input/output buffer and output latch functions in the same way
as port A, except that input or output port setting is performed as a byte (8-bit) unit.
Port D can be set as input or output as a byte unit by the MM0 bit of the memory mapping register: It functions
as an input port when the MM0 bit is reset (0), and as an output port when the MM0 bit is set (1).
Except for having input/output specified as a byte unit, port D operation is the same as for port A; Direct
bit setting/resetting of output latch contents is possible by an arithmetic or logical operation instruction
without the use of an accumulator, and data transfer to/from an accumulator is also possible.
(2) Expansion mode
External memory expansion up to 256 bytes is possible using the port D input/output pins (PD7 to PD0) as
a multiplexed address/data bus. Also, when a large external memory expansion is made, this is done by using
PF7 to PF0 as the address bus (see CHAPTER 11 EXTERNAL DEVICE ACCESSES AND TIMINGS for details).
µPD78C17/78C10A
The port operates only as a multiplexed address/data bus (AD7 to AD0), and has no port function
Cautions 1. When the port D input/output pins (PD7 to PD0) are functioning as an address/data bus (AD7
to AD0), the internal address bus status is output in synchronization with ALE in all machine
cycles.
2. Emulation cannot be performed by an emulator for a program which varies the port D
operating mode dynamically. Therefore, once the mode has been set, it should not be changed
to a different mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com