công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 93 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 93 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 89Page - NEC MPD78CP18KB Datasheet HTML 90Page - NEC MPD78CP18KB Datasheet HTML 91Page - NEC MPD78CP18KB Datasheet HTML 92Page - NEC MPD78CP18KB Datasheet HTML 93Page - NEC MPD78CP18KB Datasheet HTML 94Page - NEC MPD78CP18KB Datasheet HTML 95Page - NEC MPD78CP18KB Datasheet HTML 96Page - NEC MPD78CP18KB Datasheet HTML 97Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 373 page
background image
CHAPTER 5 TIMER FUNCTIONS
5.1 Timer Configuration
The timer system in the
µPD78C18 consists of two 8-bit interval timers (TIMER0 and TIMER1) and a timer F/F.
Timer operation and square-wave output is controlled by the timer mode register (TMM).
Each interval timer (TIMER0 and TIMER1) consists of an 8-bit upcounter, an 8-bit comparator, and 8-bit timer REG0/
1 (TM0 and TM1).
(1) Upcounter
This counts up using the input clock specified by the timer mode register (TMM).
(2) Timer REG0, 1 (TM0, TM1)
These are 8-bit registers used to set the interval time.
(3) Comparator
The comparator compares the upcounter contents with the timer REG0/1 contents, and if they match, clears
the upcounter and generates an internal interrupt (INTT0/INTT1).
(4) Timer F/F
This F/F is inverted by a TIMER0/TIMER1 match signal or the internal clock (
φ3). The output of this timer F/
F can be output to the TO pin (dual function as PC4). The timer F/F output can be used irrespective of the
PC4 pin mode status as the basic timer of the timer/event counter according to the specification of the timer/
event counter mode register or as the serial clock (SCK) according to the serial mode register specification.
The timer is also used for generation of the oscillator stabilization time when standby mode (STOP) is released
(see 10.1 Standby Functions for details).
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com