công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 58 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 58 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 54Page - NEC MPD78CP18KB Datasheet HTML 55Page - NEC MPD78CP18KB Datasheet HTML 56Page - NEC MPD78CP18KB Datasheet HTML 57Page - NEC MPD78CP18KB Datasheet HTML 58Page - NEC MPD78CP18KB Datasheet HTML 59Page - NEC MPD78CP18KB Datasheet HTML 60Page - NEC MPD78CP18KB Datasheet HTML 61Page - NEC MPD78CP18KB Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 373 page
background image
CHAPTER 3
INTERNAL BLOCK FUNCTIOS
40
(3) Working register vector register (V)
When a working area is set in the memory space, the high-order 8 bits of the memory address are selected
using the V register and the low-order 8 bits are addressed by the immediate data in the instruction. Thus,
the memory area specified with the V register can be used as working registers with a 256
× 8-bit configuration.
Because a working register can be specified with a 1-byte address field, program reduction is possible by
using the working area for software flags, parameters and counters. The V register can be replaced with the
ALT register paired with an accumulator by means of the EXA instruction.
(4) General registers (B, C, D, E, H, L)
There are two sets of general registers (main: B, C, D, E, H, L; ALT: B', C', D', E', H', L'). They function
as auxiliary registers for the accumulator, and have a data pointer function as register pairs (BC, DE, HL; B'C',
D'E', H'L'). Four register pairs, DE, D'E', HL and H'L' in particular, have a base register function.
When the two sets are used, if an interrupt occurs in one set, the register contents are saved into the other
register set without saving them into the memory so that interrupt servicing can be carried out. The other
set of registers can also be used as a data pointer expansion registers. Single-step auto-increment/decrement
modes and a two-step auto-increment addressing mode are available for the register pairs, DE, HL, D'E' and
H'L', so that the processing time can be reduced. BC, DE and HL can be simultaneously replaced with the
ALT register by means of the EXX instruction. The HL register can be independently replaced with the ALT
register by means of the EXH instruction.
(5) Program counter (PC)
This is a 16-bit register which holds information on the next program address to be executed. This register
is normally incremented automatically according to the number of bytes of the instruction to be fetched. When
an instruction associated with a branch is executed, immediate data or register contents are loaded. RESET
input clears this counter to 0000H.
(6) Stack pointer (SP)
This is a 16-bit register which holds the start address of the memory stack area (LIFO format).
SP contents are decremented when a call or PUSH instruction is executed or an interrupt is generated, and
incremented when a return or POP instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com