| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 43 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 43 Page - NEC |
|
43 / 373 page ![]() CHAPTER 2 PIN FUNCTIONS 25 2.1.4 PD7 to PD0 (Port D) ... 3-state input/output µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14 These are the 8-bit input/output pins of port D (8-bit input/output port with output latch), but in addition to functioning as an input/output port, they also function as time-division address output and data input/output (multiplexed address/data bus) pins for accessing externally expanded memory. Pins PD7 to PD0 can be specified as shown below by setting the memory mapping register. (1) Port mode As port D input/output pins, PD7 to PD0 can be specified as input or output as a byte (8-bit) unit. (2) Expansion mode When an external device (program memory, data memory, or a peripheral device) is added in addition to on- chip memory, PD7 to PD0 are used as a multiplexed address/data bus (AD7 to AD0). When an instruction which references an external device is executed, the lower address information for the external device is output in the first state of the external device reference machine cycle of that instruction, and the pins become a bidirectional 8-bit data bus in the second and third states. At all other times, PD7 to PD0 are high-impedance. Cautions 1. When pins PD7 to PD0 are functioning as an address/data bus, the contents of the internal address bus are output as they are in synchronization with ALE in the first state of all machine cycles. 2. Emulation cannot be performed by an emulator for a program which varies the port D operating mode dynamically. Therefore, once the mode has been set, it should not be changed to a different mode. Upon RESET input, PD7 to PD0 are set as input port (high-impedance). PD7 to PD0 also become high-impedance in the hardware STOP mode. µPD78C17/78C10A These pins function only as time-division address output and data input/output (multiplexed address/data bus) pins for accessing externally installed memory. The pins output the lower 8 bits of the memory address in the first state, and become a bidirectional 8-bit data bus in the second and third states. When the RESET signal is low, or when in the hardware STOP mode or a standby mode (HALT or STOP), PD7 to PD0 are high-impedance. Caution Port D can only be used as an address/data bus. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |