công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 95 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 95 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 91Page - NEC MPD78CP18KB Datasheet HTML 92Page - NEC MPD78CP18KB Datasheet HTML 93Page - NEC MPD78CP18KB Datasheet HTML 94Page - NEC MPD78CP18KB Datasheet HTML 95Page - NEC MPD78CP18KB Datasheet HTML 96Page - NEC MPD78CP18KB Datasheet HTML 97Page - NEC MPD78CP18KB Datasheet HTML 98Page - NEC MPD78CP18KB Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 373 page
background image
CHAPTER 5
TIMER FUNCTIONS
77
5.2 Timer Mode Register (TMM)
This is an 8-bit register which specifies the operating mode of the two interval timers (TIMER0 and TIMER1) and
the timer F/F. Its configuration is shown in Figure 5-2.
(1) TF0 & TF1 (bits 0 & 1)
These bits perform timer F/F reset specification and input clock specification. The internal clock (
φ3) is obtained
by dividing the oscillator frequency by 3.
(2) CK00 & CK01 (bits 2 & 3)
These bits specify the TIMER0 input clock. Internal clocks
φ12 and φ384 are obtained by dividing the oscillator
frequency by 12 and 384 respectively.
(3) TS0 (bit 4)
TS0 controls the operation of the TIMER0 upcounter. When TS0 is "1", the upcounter is cleared to 00H and
the count-up is stopped; when changed from "1" to "0", the upcounter starts counting up from 00H. However,
if, after this bit is set to "0" and the count has begun, "0" is written to the bit again, the upcounter is not cleared
and the count continues.
(4) CK10 & CK11 (bits 5 & 6)
These bits specify the TIMER1 input clock.
(5) TS1 (bit 7)
TS1 controls the operation of the TIMER1 upcounter and operates in the same way as the TS0 bit.
RESET input sets the timer mode register to FFH, clears and stops the upcounter of both TIMER0 and TIMER1,
and resets the timer F/F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com