công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 42 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 42 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 38Page - NEC MPD78CP18KB Datasheet HTML 39Page - NEC MPD78CP18KB Datasheet HTML 40Page - NEC MPD78CP18KB Datasheet HTML 41Page - NEC MPD78CP18KB Datasheet HTML 42Page - NEC MPD78CP18KB Datasheet HTML 43Page - NEC MPD78CP18KB Datasheet HTML 44Page - NEC MPD78CP18KB Datasheet HTML 45Page - NEC MPD78CP18KB Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 373 page
background image
CHAPTER 2
PIN FUNCTIONS
24
Table 2-1. Operation of PC7 to PC0
MCCn=0
MCCn=1
Port Mode
Control Signal Input/Output Mode
PC0
Input/output port
TxD output
PC1
Input/output port
RxD input
PC2
Input/output port
SCK input/output
PC3
Input/output port
INT2/TI input
PC4
Input/output port
TO output
PC5
Input/output port
CI input
PC6
Input/output port
CO0 output
PC7
Input/output port
CO1 output
Remark n=0 to 7
(1) Port mode
When PC7 to PC0 are specified as input/output port by means of the mode control C register, they can be
set bit-wise as input or output port by means of the mode C register (MC).
(2) Control signal input/output mode
PC7 to PC0 can be set bit-wise as control pins by means of the mode control C register (MCC). The functions
of the various control pins are shown below.
(a) TxD (Transmit data) ... Output
The serial data transmission pin, from which the contents of the serial register are output.
(b) RxD (Receive data) ... Input
The serial data reception pin: Data on RxD is loaded into the serial register.
(c) SCK (Serial clock) ... Input/output
The serial input/output data control clock: Functions as an output when the internal clock is used, and
as an input when an external clock is used.
(d) INT2/TI (Interrupt request/Timer input) ... Input
The edge-triggered (falling edge) maskable interrupt input pin and timer external clock input pin. Can also
be used as the AC signal zero-cross detection pin.
Caution When pull-up resistors are incorporated in PC3 of the
µPD78C18/78C14A/78C12A/78C11A,
the zero-cross function can not be operated correctly.
(e) TO (Timer output) ... Output
Outputs a square wave with the timer count time or one cycle of the internal clock (
φ3) as a half-cycle.
(f)
CI (Counter input) ... Input
The timer/event counter external pulse input.
(g) CO0, CO1 (Counter output) ... Output
These pins output a rectangular wave which is programmable by the timer/event counter.
Upon RESET input, PC7 to PC0 are set as input port (high-impedance). PC7 to PC0 also become high-impedance
in the hardware STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com