công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 41 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 41 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 37Page - NEC MPD78CP18KB Datasheet HTML 38Page - NEC MPD78CP18KB Datasheet HTML 39Page - NEC MPD78CP18KB Datasheet HTML 40Page - NEC MPD78CP18KB Datasheet HTML 41Page - NEC MPD78CP18KB Datasheet HTML 42Page - NEC MPD78CP18KB Datasheet HTML 43Page - NEC MPD78CP18KB Datasheet HTML 44Page - NEC MPD78CP18KB Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 373 page
background image
CHAPTER 2 PIN FUNCTIONS
The
µPD78C18/78C17/78C14/78C14A/78C12A/78C11A/78C10A operate with normal operation mode pin functions.
µPD78CP18/78CP14 pin functions are of two kinds: Normal operation mode and EPROM mode. EPROM mode
is entered by driving the MODE1 pin low and the MODE0 pin high.
2.1 Normal Operation Mode
2.1.1 PA7 to PA0 (Port A) ... 3-state input/output
These are the 8-bit input/output pins of port A (8-bit input/output port with output latch), and can be specified bit-
wise as input/output by means of the Mode A register (MA).
Upon RESET input, PA7 to PA0 are set as input port (high-impedance). PA7 to PA0 also become high-impedance
in the hardware STOP mode.
In the
µPD78C18/78C14A/78C12A/78C11A, pull-up resistors can be incorporated bit-wise.
2.1.2 PB7 to PB0 (Port B) ... 3-state input/output
These are the 8-bit input/output pins of port B (8-bit input/output port with output latch), and can be specified bit-
wise as input/output by means of the Mode B register (MB).
Upon RESET input, PB7 to PB0 are set as an input port (high-impedance). PB7 to PB0 also become high-impedance
in the hardware STOP mode.
In the
µPD78C18/78C14A/78C12A/78C11A, pull-up resistors can be incorporated bit-wise.
2.1.3 PC7 to PC0 (Port C) ... 3-state input/output
These pins operate as the 8-bit input/output pins of port C (8-bit input/output port with output latch), but in addition
to functioning as an input/output port, they also function as pins for various control signals.
The PC7 to PC0 operating mode can be set bit-wise to port or control signal input/output mode by means of the
Mode Control C register (MCC) (see Table 2-1).
In the
µPD78C18/78C14A/78C12A/78C11A, pull-up resistors can be incorporated bit-wise.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com