công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 90 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 90 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 86Page - NEC MPD78CP18KB Datasheet HTML 87Page - NEC MPD78CP18KB Datasheet HTML 88Page - NEC MPD78CP18KB Datasheet HTML 89Page - NEC MPD78CP18KB Datasheet HTML 90Page - NEC MPD78CP18KB Datasheet HTML 91Page - NEC MPD78CP18KB Datasheet HTML 92Page - NEC MPD78CP18KB Datasheet HTML 93Page - NEC MPD78CP18KB Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
72
(2) Expansion mode
Port F input/output pins (PF7 to PF0) can be used as address outputs corresponding to the size of external
expansion memory, as shown in Table 4-2. This setting is performed by means of the memory mapping
register.
Pins not used as address outputs are set to port mode.
Table 4-2. Operation of PF7 to PF0 (
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14)
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Address Space
Port
Port
Port
Port
Port
Port
Port
Port
Up to 256 bytes
Port
Port
Port
Port
AB11
AB10
AB9
AB8
Up to 4K bytes
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
Up to 16K bytes
AB15
AB14
AB13
AB12
AB11
AB10
AB9
AB8
Up to 31K/48K/56K/60K bytesNote
Note 31K (
µPD78C18), 48K (µPD78C14/78C14A), 56K (µPD78C12A), 60K (µPD78C11A). The operation of the
µPD78CP18 and 78CP14 differ depending on the setting of bits MM5 to MM7 of the memory mapping
register.
µPD78C17/78C10A
These pins function as address outputs corresponding to the size of externally installed memory according to the
MODE0 and MODE1 pin settings.
Pins which are not used as address outputs can be used as general-purpose input/output port pins which have
the same port functions as port A, with input/output setting performed by the mode F register.
Table 4-3. Operation of PF7 to PF0 (
µPD78C17/78C10A)
MODE1
MODE0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Address Space
0
0
Port
Port
Port
Port
AB11 AB10
AB9
AB8
4K bytes
0
1
Port
Port
AB13 AB12 AB11 AB10
AB9
AB8
16K bytes
1
0
Setting prohibited
1
1
AB15 AB14 AB13 AB12 AB11 AB10
AB9
AB8
63K/64K bytesNote
Note 63K (
µPD78C17), 64K (µPD78C10A)
Cautions 1. Pins not used as address bus pins output the internal address bus status in all machine cycles.
When the address changes, undefined data is output.
2. Emulation cannot be performed by an emulator for a program which varies the port F
operating mode dynamically. Therefore, once the mode has been set, it should not be changed
to a different mode.
When the 63K/64K-byte mode is used with the
µPD78C17/78C10A, instructions which output data to port D or
port F should not be executed; if such an instruction is executed, the WR signal will be output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com