công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 136 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 136 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 132Page - NEC MPD78CP18KB Datasheet HTML 133Page - NEC MPD78CP18KB Datasheet HTML 134Page - NEC MPD78CP18KB Datasheet HTML 135Page - NEC MPD78CP18KB Datasheet HTML 136Page - NEC MPD78CP18KB Datasheet HTML 137Page - NEC MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC MPD78CP18KB Datasheet HTML 140Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
118
Table 7-1. Timer Setting
7.3728
11.0592
14.7456
16
64
16
64
16
64
9600
C=
2
—
C=
3
—
C=
4
C=
1
4800
4
C=
1
6
—
8
2
2400
8
2
12
C=
3
16
4
1200
16
4
24
6
32
8
600
32
848126416
300
64
16
96
24
128
32
150
128
32
192
48
256
64
110
175
44
262
65
370
88
The data format in asynchronous mode is shown in Figure 7-5.
Figure 7-5. Asynchronous Data Format
Oscillator
Frequency (MHz)
Data
Transfer Speed
(bps)
N
Note INTSR is generated by the first stop bit. INTST is generated by the first bit when there is only one stop
bit, and by the second bit when there are two stop bits.
(1) Data transmission
A transmit operation in the asynchronous mode is enabled by setting (1) the TxE bit of the serial data high
register (SMH).
When data is written to the transmit buffer register by the MOV TXB, A instruction and the previous data
transfer is terminated, the transmit buffer register contents are automatically transferred to the serial register.
The start bit (1 bit), the parity bit (odd/even, no parity) and the stop bit (s) (1 or 2 bits) are automatically added
to the data transferred to the serial register, and the data is then transmitted LSB-first from the TxD pin. When
the transmit buffer register becomes empty, a serial transmission interrupt (INTST) is generated.
Serial transmission interrupts are disabled by setting (1) the MKST bit of the interrupt mask register (MKH).
Start
bit
Marking
D0
D1
DN
Parity
bit
Stop
bit(s)
Marking
INTSR/INTST generation
Note
1 or 2 bits
N=6, 7
Odd/even,
no parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com