công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 135 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 135 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 131Page - NEC MPD78CP18KB Datasheet HTML 132Page - NEC MPD78CP18KB Datasheet HTML 133Page - NEC MPD78CP18KB Datasheet HTML 134Page - NEC MPD78CP18KB Datasheet HTML 135Page - NEC MPD78CP18KB Datasheet HTML 136Page - NEC MPD78CP18KB Datasheet HTML 137Page - NEC MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
117
768
× N × C
384
× N
24
× N
fXX
fXX
24
× N × C
fXX
fXX
6
× N
fXX
When an internal clock is specified as the serial clock (SCK), the data transfer rate is determined from the oscillator
frequency and the clock rate by the following expressions, where fXX is the oscillator frequency, N is the clock rate
(1, 16, 64), C is the timer count value, and B is the data transfer rate:
For internal clock (
φ24)
B=
For internal clock (
φ384)
B=
For TO output used as internal clock
When the timer input clock is
φ12
B=
When the timer input clock is
φ384
B=
When the timer F/F input is
φ3
B=
When the timer F/F input is
φ3 when the TO output is used as the internal clock, the clock can only be used when
the clock rate is 16 or 64.
When TIMER0 is used and the clock rate is 16, the set values of the timer mode register (TMM) and the serial
mode registers (SML, SMH) are as follows:
TMM :
×××00000B
SML
:
××××××10B
SMH : 0000
××00B
(
×: Set by user)
When the TO output is specified as the internal clock and the input clock to the timer is used as the internal clock
(
φ12), the timer count values shown in Table 7-1 are set to perform transmission/reception at data transfer rates of
110 to 9600 bps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com