công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 138 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 138 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 134Page - NEC MPD78CP18KB Datasheet HTML 135Page - NEC MPD78CP18KB Datasheet HTML 136Page - NEC MPD78CP18KB Datasheet HTML 137Page - NEC MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC MPD78CP18KB Datasheet HTML 140Page - NEC MPD78CP18KB Datasheet HTML 141Page - NEC MPD78CP18KB Datasheet HTML 142Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
120
SCK
Clock Rate
When the prescribed data is input from the RxD pin to the serial register, data is transferred to the receive
buffer register. When the receive buffer register becomes full, an interrupt request (INTSR) is generated.
Serial reception interrupts are disabled by setting (1) the MKSR bit of the interrupt mask register (MKH).
An odd/even parity check is made in data reception (when the PEN bit=1). If there is a mismatch (parity error),
the stop bit is low (framing error), or the next data is transferred to the receive buffer when the receive buffer
is full (overrun error), the error flag is set.
However, because no error interrupt feature is provided, testing must be performed by skip instructions (SKIT
or SKNIT) in the program.
When an error is generated, also, an overrun error will be generated again in the next receive operation if
the RXB data is not read.
The maximum data transfer rate in reception is set as shown in Table 7-3 according to SCK and the clock rate
at 15 MHz operation
Table 7-3. Maximum Data Transfer Rate at Reception
Internal Clock
External Clock
SCK
Data Transfer Rate
SCK
Data Transfer Rate
× 1Note 2
625 kHz
625 kbps
830 kHz
830 kbps
1.25 MHz
1.25 MbpsNote 1
× 16
2.5 MHz
156 kbps
2.5 MHz
156 kbps
× 64
39.1 kbps
39.1 kbps
Notes 1. When data is received at transfer rates between 830 kbps and 1.25 Mbps,
2 stop bits are necessary.
2. At the
× 1 clock rate, RxD must input a signal synchronized with SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com