công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 142 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 142 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC MPD78CP18KB Datasheet HTML 140Page - NEC MPD78CP18KB Datasheet HTML 141Page - NEC MPD78CP18KB Datasheet HTML 142Page - NEC MPD78CP18KB Datasheet HTML 143Page - NEC MPD78CP18KB Datasheet HTML 144Page - NEC MPD78CP18KB Datasheet HTML 145Page - NEC MPD78CP18KB Datasheet HTML 146Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
124
In the I/O interface mode, the transmit data (TxD) is transferred MSB-first on the falling edge of the serial clock
(SCK). Receive data (RxD) is input on the rising edge of SCK.
Figure 7-9. I/O Interface Mode Timing
01
2
3
4
5
6
7
0
1
LSB
MSB
SCK
Serial data
2
MSB
In this mode character synchronization is implemented using the controlled SCK (8 serial clock pulses).
An external clock or internal clock can be selected as SCK by means of the serial mode high register.
When an internal clock is used as SCK, the controlled clock (8 pulses per data item) is output from the SCK pin.
When an external clock is used as SCK, 8 clock pulses should be accurately supplied to SCK as the single data
item transfer (8-bit) unit by the control signal supply source.
Caution In the I/O interface mode, one pulse is output at low level from the TxD pin at the time of changing
from the transmit enable state to receive enable state (transmit disable).
(1) Data transmission
A transmit operation in the I/O interface mode is enabled by setting (1) the TxE bit of the serial mode high
register.
When data is written to the transmit buffer register by a MOV TXB, A instruction and the previous data transfer
is terminated, the transmit buffer register contents are transferred to the serial register. When SCK is an
internal clock, when the data is transferred to the serial register a controlled SCK (8 pulses for one data item)
is automatically generated and the transmit data is sent MSB-first on the SCK falling edge.
When an external clock is used, the transmit data is sent MSB-first on the falling edge of the controlled SCK
input to SCK.
In this mode, synchronization is implemented by means of a controlled SCK (8 serial clock pulses), and SCK
should be driven high except during a data transfer.
When the transmit buffer register becomes empty, a serial transmission interrupt (INTST) is generated.
Serial transmission interrupts are disabled by setting (1) the MKST bit of the interrupt mask register (MKH).
The maximum data transfer rate in transmission is 625 kbps when an internal clock is used as SCK, and 1.25
Mbps when an external clock is used (at 15 MHz operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com