công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 137 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 137 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 133Page - NEC MPD78CP18KB Datasheet HTML 134Page - NEC MPD78CP18KB Datasheet HTML 135Page - NEC MPD78CP18KB Datasheet HTML 136Page - NEC MPD78CP18KB Datasheet HTML 137Page - NEC MPD78CP18KB Datasheet HTML 138Page - NEC MPD78CP18KB Datasheet HTML 139Page - NEC MPD78CP18KB Datasheet HTML 140Page - NEC MPD78CP18KB Datasheet HTML 141Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
119
SCK
Clock Rate
When the transmit buffer register is full, when the next data write is performed the previous data is corrupted.
Therefore, when writing data to the transmit buffer register, it is necessary to check that the serial
transmission interrupt request flag (INTFST) is set (1) and the transmit buffer register is empty before
executing the operation.
When the TxE bit is "0" or when the serial register contains no data to be transmitted, the TxD pin assumes
the mark status (1).
Transmit data is transmitted on the falling edge of SCK from the TxD pin with a clock rate of serial clock
× 1,
×
or
×
.
The maximum data transfer rate in transmission is set as shown in Table 7-2 according to SCK and the clock
rate at 15 MHz operation.
Caution When TxE changes from 0 to 1 (transmission enabled) while the transmit buffer register is
empty, INTST is generated.
Table 7-2. Maximum Data Transfer Rate at Transmission
Internal Clock
External Clock
SCK
Data Transfer Rate
SCK
Data Transfer Rate
× 1
625 kHz
625 kbps
1.25 MHz
1.25 Mbps
×16
2.5 MHz
156 kbps
2.5 MHz
156 kbps
×64
39.1 kbps
39.1 kbps
(2) Data reception
A receive operation is enabled by setting (1) the RxE bit of the serial mode high register (SMH).
The start bit is confirmed by detecting a low level RxD input and then detecting the low level again after a
1/2 bit time. This is effective in preventing errors due to noise in the mark state. Reception is performed
by sampling the center of the subsequent character bits, parity bit and stop bit.
Remark
The 1/2 bit timer for each clock rate is as follows:
× 1 : 1/2 SCK clock pulse
× 16 : 8.5 SCK clock pulse
× 64 : 32.5 SCK clock pulse
16
1
64
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com