công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 132 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 132 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 128Page - NEC MPD78CP18KB Datasheet HTML 129Page - NEC MPD78CP18KB Datasheet HTML 130Page - NEC MPD78CP18KB Datasheet HTML 131Page - NEC MPD78CP18KB Datasheet HTML 132Page - NEC MPD78CP18KB Datasheet HTML 133Page - NEC MPD78CP18KB Datasheet HTML 134Page - NEC MPD78CP18KB Datasheet HTML 135Page - NEC MPD78CP18KB Datasheet HTML 136Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
114
7.2.3 Serial mode register initialization
The following procedure should be used for serial mode register initialization.
<1> Set the mode to be used in the SMH register while the TxE bit and RxE bit are both "0" (transmission
and reception disabled).
<2> Set the SML register.
<3> When the TO output is used as the serial clock, perform timer mode setting (unless the timer mode
has already been specified).
<4> Set the port C pins to be used for the serial interface to control mode.
<5> Enable transmission or reception by manipulating the SMH register.
7.3 Serial Interface Operation
The
µPD78C18 serial interface has 3 operation modes: Asynchronous (start/stop) mode, synchronous mode, and
I/O interface mode.
Each of these modes is described below.
7.3.1 Asynchronous mode
In the asynchronous mode transmission/reception is performed by means of start/stop bits, with data bit
synchronization and character synchronization performed by means of the start bit.
When data transmission/reception is performed in this mode, the transmission/reception parameters (character
length, clock rate, number of stop bits odd/even parity, serial clock, transmission/reception enabling, etc.) are set
in the serial mode register (SMH and SML) as shown in Figure 7-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com