công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 128 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 128 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 124Page - NEC MPD78CP18KB Datasheet HTML 125Page - NEC MPD78CP18KB Datasheet HTML 126Page - NEC MPD78CP18KB Datasheet HTML 127Page - NEC MPD78CP18KB Datasheet HTML 128Page - NEC MPD78CP18KB Datasheet HTML 129Page - NEC MPD78CP18KB Datasheet HTML 130Page - NEC MPD78CP18KB Datasheet HTML 131Page - NEC MPD78CP18KB Datasheet HTML 132Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
110
(2) TxE (bit 2)
This bit determines whether or not the operation is a transmit operation. When the TxE bit is reset (0) the
TxD pin is driven high and data transmission is not performed. When the TxE bit is set (1), data transmission
is enabled and if data has previously been written into the transmit buffer register, that data is output.
Alternatively, when data is written into the transmit buffer register, serial data is transmitted from the TxD
pin.
However, when the TxE bit is changed from the set (1) status to the reset (0) status, transmission is disabled
after the data in the serial register has been transmitted. Therefore, when there is data in both the transmit
buffer register and the serial register, transmission is disabled after the serial register data has been
transmitted, and the transmit buffer register data is retained without being transmitted. The data in the
transmit buffer register is transmitted as serial data when transmission is next enabled (TxE=1).
Thus, when transmission is to be disabled (TxE=0) after all transmit data has been transmitted, it is necessary
to check that the serial transmission interrupt request flag (INTFST) is set (1) and the transmit buffer register
is empty before executing the operation.
(3) RxE (bit 3)
Controls whether or not a receive operation is performed. When the RxE bit is reset (0), data reception is
not performed. When the RxE bit is set (1), data reception is enabled.
(4) SE (bit 4)
Controls whether or not search mode is entered in synchronous mode (set by SML).
When the SE bit is set (1), the serial register contents are transferred to the receive buffer register and a serial
reception interrupt (INTSR) is generated each time a data bit is received. When the SE bit is reset (0), the
serial register contents are transferred to the receive buffer register and a serial reception interrupt (INTSR)
is generated each time 8 data bits are received.
(5) IOE (bit 5)
Controls whether the synchronous mode or I/O interface mode is entered in the case of synchronous operation
(set by SML). The synchronous mode is selected when the IOE bit is reset (0), and the I/O interface mode
is selected when the IOE bit is set (1).
(6) TSK (bit 6)
This bit is used to start the serial clock when data is received using an internal clock in the I/O interface mode.
When the TSK bit is set (1) and the serial clock is started, this bit is automatically reset (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com