công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 125 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 125 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 121Page - Analog Devices ADSP-SC596 Datasheet HTML 122Page - Analog Devices ADSP-SC596 Datasheet HTML 123Page - Analog Devices ADSP-SC596 Datasheet HTML 124Page - Analog Devices ADSP-SC596 Datasheet HTML 125Page - Analog Devices ADSP-SC596 Datasheet HTML 126Page - Analog Devices ADSP-SC596 Datasheet HTML 127Page - Analog Devices ADSP-SC596 Datasheet HTML 128Page - Analog Devices ADSP-SC596 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 125 of 134
|
May 2022
ENVIRONMENTAL CONDITIONS
The ADSP-SC595/SC596/SC598 processors are rated for perfor-
mance over the temperature range specified in the Preliminary
Operating Conditions section.
Application system thermal simulation is required for accurate
temperature analysis. The thermal simulation must account for
all specific 3D system design features, including, but not limited
to other heat sources, use of heat sinks, use of thermal interface
materials, and the system enclosure details. Thermal models of
the package are available from Analog Devices under the Tools
and Simulations tab of the product web page. The thermal
model(s) are compatible with all major thermal simulation
tools.
The use of JEDEC JA, JC, or JT thermal parameters for appli-
cation system thermal estimates is not recommended as
indicated in the JEDEC51 specifications:
“This methodology is not meant to and will not predict the
performance of a package in an application-specific
environment.”
Figure 75. Driver Type A Rise and Fall Times (10% to 90%) vs. Load
Capacitance for All Pins Operating Above 62.5 MHz and
Less Than or Equal to 125 MHz
Figure 76. Driver Type A Rise and Fall Times (10% to 90%) vs. Load
Capacitance for All Pins Operating at Less Than or Equal to 62.5 MHz
Figure 77. Driver Type B and Driver Type C Typical Rise and Fall Times
(10% to 90%) vs. Load Capacitance for DDR3 at 100 Ω
6
0
1
2
3
4
5
0
5
10
15
20
25
30
LOAD CAPACITANCE (pF)
tRISE = 3.3V AT +25°C
tFALL = 3.3V AT +25°C
tRISE = 3.135V AT +125°C
tFALL = 3.135V AT +125°C
tRISE = 3.465V AT –40°C
tFALL = 3.465V AT –40°C
8
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
LOAD CAPACITANCE (pF)
tRISE = 3.3V AT +25°C
tFALL = 3.3V AT +25°C
tRISE = 3.135V AT +125°C
tFALL = 3.135V AT +125°C
tRISE = 3.465V AT –40°C
tFALL = 3.465V AT –40°C
1.2
0
0.2
0.4
0.6
0.8
1.0
0123456
LOAD CAPACITANCE (pF)
tRISE = 1.5V AT +25°C
tFALL = 1.5V AT +25°C
tRISE = 1.425V AT +125°C
tFALL = 1.425V AT +125°C
tRISE = 1.575V AT –40°C
tFALL = 1.575V AT –40°C
Figure 78. Driver Type B and Driver Type C Rise and Fall Times
(10% to 90%) vs. Load Capacitance for DDR3L at 100 Ω
1.2
0
0.2
0.4
0.6
0.8
1.0
0123456
LOAD CAPACITANCE (pF)
tRISE = 1.35V AT +25°C
tFALL = 1.35V AT +25°C
tRISE = 1.283V AT +125°C
tFALL = 1.283V AT +125°C
tRISE = 1.418V AT –40°C
tFALL = 1.418V AT –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com