| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 44 Page - Analog Devices |
|
44 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 44 of 134 | May 2022 ADSP-SC595/SC596/SC598 DESIGNER QUICK REFERENCE Table 21 provides a quick reference summary of pin related information for circuit board design. The columns in this table provide the following information: • The signal name column includes the signal name for every pin and the GPIO multiplexed pin function, where applicable. • The type column identifies the I/O type or supply type of the pin. The abbreviations used in this column are analog (a), supply (s), ground (g) and Input, Output, and InOut. • The driver type column identifies the driver type used by the corresponding pin. The driver types are defined in the Output Drive Currents section of this data sheet. • The internal termination column specifies the termination present after the processor is powered up (both during reset and after reset). • The reset termination column specifies the termination present when the processor is in the reset state. • The reset drive column specifies the active drive on the sig- nal when the processor is in the reset state. • The power domain column specifies the power supply domain in which the signal resides. • The description and notes column identifies any special requirements or characteristics for a signal. These recom- mendations apply whether or not the hardware block associated with the signal is featured on the product. If no special requirements are listed, the signal can be left uncon- nected if it is not used. For multiplexed GPIO pins, this column identifies the functions available on the pin. Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes DAI0_PIN01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 1 Notes: See note2 DAI0_PIN02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 2 Notes: See note2 DAI0_PIN03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 3 Notes: See note2 DAI0_PIN04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 4 Notes: See note2 DAI0_PIN05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 5 Notes: See note2 DAI0_PIN06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 6 Notes: See note2 DAI0_PIN07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 7 Notes: See note2 DAI0_PIN08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 8 Notes: See note2 DAI0_PIN09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 9 Notes: See note2 DAI0_PIN10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 10 Notes: See note2 DAI0_PIN11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 11 Notes: See note2 DAI0_PIN12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 12 Notes: See note2 DAI0_PIN13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 13 Notes: See note2 DAI0_PIN14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 14 Notes: See note2 DAI0_PIN15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: DAI0 Pin 15 Notes: See note2 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |