công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 19Page - Analog Devices ADSP-SC596 Datasheet HTML 20Page - Analog Devices ADSP-SC596 Datasheet HTML 21Page - Analog Devices ADSP-SC596 Datasheet HTML 22Page - Analog Devices ADSP-SC596 Datasheet HTML 23Page - Analog Devices ADSP-SC596 Datasheet HTML 24Page - Analog Devices ADSP-SC596 Datasheet HTML 25Page - Analog Devices ADSP-SC596 Datasheet HTML 26Page - Analog Devices ADSP-SC596 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 23 of 134
|
May 2022
Algorithmic Modules
To speed development, Analog Devices offers add-ins that per-
form popular audio and video processing algorithms. These are
available for use with CCES. For more information, visit the
Design Center.
Designing an Emulator-Compatible DSP Board (Target)
For embedded system test and debug, Analog Devices provides
a family of emulators. On each JTAG DSP, Analog Devices sup-
plies an IEEE 1149.1 JTAG test access port (TAP). In-circuit
emulation is facilitated by use of this JTAG interface. The
emulator accesses the internal features of the processor via the
TAP, allowing the developer to load code, set breakpoints, and
view variables, memory, and registers.
The processor must be halted to send data and commands, but
after an operation is completed by the emulator, the DSP system
is set to run at full speed with no impact on system timing. The
emulators require the target board to include a header that sup-
ports connection of the JTAG port of the DSP to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see Analog Devices JTAG
Emulation Technical Reference (EE-68).
ADDITIONAL INFORMATION
This data sheet provides a general overview of the ADSP-
SC595/SC596/SC598 architecture and functionality. For
detailed information on the core architecture and instruction
set, refer to the SHARC+ Core Programming Reference.
RELATED SIGNAL CHAINS
A signal chain is a series of signal conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together. A tool for viewing relationships between specific
applications and related components is available at
www.analog.com\circuits.
The application signal chains page in the Circuits from the Lab
®
site (www.analog.com\circuits) provides the following:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com