công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 21Page - Analog Devices ADSP-SC596 Datasheet HTML 22Page - Analog Devices ADSP-SC596 Datasheet HTML 23Page - Analog Devices ADSP-SC596 Datasheet HTML 24Page - Analog Devices ADSP-SC596 Datasheet HTML 25Page - Analog Devices ADSP-SC596 Datasheet HTML 26Page - Analog Devices ADSP-SC596 Datasheet HTML 27Page - Analog Devices ADSP-SC596 Datasheet HTML 28Page - Analog Devices ADSP-SC596 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 25 of 134
|
May 2022
DMC_VREF[n]
Input
Voltage Reference. Connects to half of the VDD_DMC voltage.
DMC_WE
Output
Write Enable. Defines the operation for external dynamic memory to perform in conjunction with
other DMC command signals. Connect to the WE input of dynamic memory.
EMSI0_CD
Input
EMSI0 Card Detect. Connect to GND when an eMMC device is connected.
EMSI0_CLK
Output
EMSI0 Clock. Clock signal applied to the connected device from the eMSI.
EMSI0_CMD
InOut
EMSI0 Command. Sends commands to and receives responses from the connected device.
EMSI0_D[n]
InOut
Data n. Bidirectional data bus.
EMSI0_RST
Output
EMSI0 Reset. eMMC device reset signal.
EMSI0_WP
Input
EMSI0 Write Protect. Connect to VDD_EXT when an eMMC device is connected.
ETH_COL
Input
MII Collision Detect. Collision detect input signal valid only in MII.
ETH_CRS
Input
MII Carrier Sense. Asserted by the PHY when either the transmit or receive medium is not idle.
Deasserted when both are idle. This signal is not used in RMII/RGMII modes.
ETH_MDC
Output
Management Channel Clock. Clocks the MDC input of the PHY for RMII/RGMII.
ETH_MDIO
InOut
Management Channel Serial Data. Bidirectional data bus for PHY control for RMII/RGMII.
ETH_PHY_INT
Input
PHY Interrupt. This signal can be connected to the interrupt output signal from the PHY. PHY interrupt
inside the EMAC module is generated when a rising edge is detected on this pin.
ETH_PTPAUX_MCG_IN[n] Input
PTP Auxiliary/Media Clock Generation Trigger Input. Assert this signal to take an auxiliary
snapshot of the time and store it in the auxiliary time stamp FIFO or capture the presentation time by
sampling at positive, negative, or both edges of the trigger input when operating in media clock
generation mode. Note that the PTP auxiliary and media clock generation modes are mutually
exclusive.
ETH_PTPCLKIN[n]
Input
PTP Clock Input. Optional external PTP clock input.
ETH_PTPPPS[n]
Output
PTP Pulse Per Second Output. When the advanced time stamp feature enables, this signal is asserted
based on the PPS mode selected. Otherwise, this signal is asserted every time the seconds counter is
incremented.
ETH_REFCLK
Input
Reference Clock. Externally supplied Ethernet clock.
ETH_RXCLK_REFCLK
Input
RXCLK (10/100/1000) or REFCLK (10/100).
ETH_RXCTL_CRSRX_DV
InOut
RXCTL (10/100/1000) or CRSRX_DV (10/100). In RGMII mode, RXCTL multiplexes receive data valid
and receiver error. In RMII mode, CRSRX_DV is carrier sense and receive data valid (CRS_DV), multi-
plexed on alternating clock cycles. In MII mode, CRSRX_DV is receive data valid (RX_DV), asserted by
the PHY when the data on ETH_RXD[n] is valid.
ETH_RXD[n]
Input
Receive Data n. Receive data bus.
ETH_RXERR
Input
Receive Error.
ETH_TXCLK
Input
Reference Clock. Externally supplied Ethernet clock.
ETH_TXCTL_TXEN
Output
TXCTL (10/100/1000) or TXEN (10/100).
ETH_TXD[n]
Output
Transmit Data n. Transmit data bus.
ETH_TXEN
Output
Transmit Enable. When asserted, this signal indicates the data on ETH_TXD[n] is valid.
HADC_EOC_DOUT
Output
End of Conversion/Serial Data Out. Transitions high for one cycle of the HADC internal clock at the
end of every conversion. Alternatively, HADC serial data out can be seen by setting the appropriate
bit in HADC_CTL.
HADC_MUX[n]
Output
Controls to External Multiplexer. Allows additional input channels when connected to an external
multiplexer.
HADC_VIN[n]
Input
Analog Input at Channel n. Analog voltage inputs for digital conversion.
HADC_VREFN
Input
Ground Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
HADC_VREFP
Input
External Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
JTG_TCK
Input
JTAG Clock. JTAG test access port clock.
JTG_TDI
Input
JTAG Serial Data In. JTAG test access port data input.
JTG_TDO
Output
JTAG Serial Data Out. JTAG test access port data output.
Table 9. ADSP-SC595/SC596/SC598 Detailed Signal Descriptions (Continued)
Signal Name
Direction Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com