công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 70 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 70 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices ADSP-SC596 Datasheet HTML 70Page - Analog Devices ADSP-SC596 Datasheet HTML 71Page - Analog Devices ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices ADSP-SC596 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 134 page
background image
Rev. PrD
|
Page 70 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Clock and Reset Timing
Table 38 and Figure 9 describe clock and reset operations related to the CGU and RCU. Per the CCLK, SYSCLK, SCLKx, DCLK, and
OCLK timing specifications in Table 22 (Preliminary Clock Operating Conditions), combinations of SYS_CLKIN0 and clock multipliers
must not select clock rates in excess of the maximum instruction rate of the processor.
Dynamic Memory Controller (DMC)—Clock, Control, Write and Read Cycle Timing
The DMC clock, control, write and read timings comply with the JEDEC standards. To ensure proper operation of the DDR3/3L, all
DDR3/3L guidelines must be strictly followed. See ADSP-SC595/SC596/SC598 Board Design Guidelines for Dynamic Memory Controller
(EE-TBD).
Table 38. Clock and Reset Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
fCKIN
SYS_CLKIN0 Frequency (Crystal)1, 2
1 Applies to PLL bypass mode and PLL nonbypass mode.
2 The tCKIN period (see Figure 9) equals 1/fCKIN.
20
30
MHz
SYS_CLKIN0 Frequency (External SYS_CLKIN0)1, 2
20
30
MHz
tCKINL
SYS_CLKIN0 Low Pulse1
16.67
ns
tCKINH
SYS_CLKIN0 High Pulse1
16.67
ns
tWRST
RESET Asserted Pulse Width Low3
3 Applies after power-up sequence is complete. See Table 37 and Figure 7 for power-up reset timing.
11 × tCKIN
ns
Figure 9. Clock and Reset Timing
SYS_CLKIN0
tWRST
tCKIN
tCKINL
tCKINH
SYS_HWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com