công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 3Page - Analog Devices ADSP-SC596 Datasheet HTML 4Page - Analog Devices ADSP-SC596 Datasheet HTML 5Page - Analog Devices ADSP-SC596 Datasheet HTML 6Page - Analog Devices ADSP-SC596 Datasheet HTML 7Page - Analog Devices ADSP-SC596 Datasheet HTML 8Page - Analog Devices ADSP-SC596 Datasheet HTML 9Page - Analog Devices ADSP-SC596 Datasheet HTML 10Page - Analog Devices ADSP-SC596 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 7 of 134
|
May 2022
these caches are independently configurable from 0 to 128 kB
each. The memory not managed by the cache controllers is
directly addressable by the processors. The controllers ensure
the data coherence between the two data caches. The caches
provide user controllable features such as full and partial lock-
ing, range bound invalidation, and flushing.
Core Memory-Mapped Registers (CMMR)
The core memory-mapped registers (CMMR) control the
L1 instruction and data cache, branch target buffer (BTB),
L2 cache, parity error, system control, debug, and monitor
functions.
SHARC+ CORE ARCHITECTURE
The ADSP-SC595/SC596/SC598 processors are assembly code
compatible with all previous SHARC processors featuring the
SHARC or SHARC+ core, beginning with the first generation
ADSP-2106x SHARC processors and including the ADSP-
2116x, ADSP-2126x, ADSP-213xx, ADSP-214xx, and ADSP-
SC5xx/ADSP-215xx processors.
The SIMD architecture featured on the ADSP-
SC595/SC596/SC598 processors is identical to all previous
SIMD SHARC processors, namely the ADSP-2116x, ADSP-
2126x, ADSP-213xx, ADSP-214xx, and ADSP-SC5xx/ADSP-
215xx processors, as shown in Figure 3 and as described in the
following sections.
Single-Instruction, Multiple Data (SIMD) Computational
Engine
The SHARC+ core contains two computational processing ele-
ments that operate as a single-instruction, multiple data (SIMD)
engine.
The processing elements are referred to as PEx and PEy, each
containing an arithmetic logic unit (ALU), multiplier, shifter,
and register file. PEx is always active, and PEy is enabled by set-
ting the PEYEN mode bit in the mode control register
(MODE1).
SIMD mode allows the processors to execute the same instruc-
tion in both processing elements, but each processing element
operates on different data. This architecture efficiently executes
math intensive DSP algorithms. In addition to all the features of
previous generation SHARC cores, the SHARC+ core also pro-
vides a new and simpler way to execute an instruction only on
the PEy data register.
SIMD mode doubles the bandwidth between memory and the
processing elements, as required for sustained computational
operation of two processing elements. When using the data
address generators (DAGs) to transfer data in SIMD mode, two
data values transfer with each memory or register file access.
Independent Parallel Computation Units
Within each processing element is a set of pipelined computa-
tional units. The computational units consist of a multiplier, an
ALU, and a shifter. These units are arranged in parallel, maxi-
mizing computational throughput. These computational units
support IEEE 32-bit single-precision floating-point; 40-bit
extended-precision floating-point; IEEE 64-bit double-preci-
sion floating-point; and 32-bit fixed-point data formats.
A multifunction instruction set supports parallel execution of
the ALU and multiplier operations. In SIMD mode, the parallel
ALU and multiplier operations occur in both processing ele-
ments per core.
All processing operations take one cycle to complete. For all
floating-point operations, the processor takes two cycles to
complete in case of data dependency. Double-precision float-
ing-point data take two to six cycles to complete. The processor
stalls for the appropriate number of cycles for an interlocked
pipeline plus data dependency check.
Figure 4. ADSP-SC595/SC596/SC598 Memory Map
RESERVED
RESERVED
0x FFFF FFFF
0x C000 0000
0x 8000 0000
0x 6000 0000
0x 5000 0000
0x 4C00 0000
0x 4800 0000
0x 4400 0000
0x 4000 0000
0x 3000 0000
0x 2840 0000
0x 2824 0000
0x 2023 0000
0x 2020 0000
DMC0 (1GB)
SPI2/OSPI0 FLASH ADDRESS SPACE (512MB)
SYSTEM MMR
SHARC2 L1 ADDRESS SPACE VIA
COMPLETER PORT 1/COMPLETER PORT 2
SHARC1 L1 ADDRESS SPACE VIA
COMPLETER PORT 1/COMPLETER PORT 2
RESERVED
L2 SRAM (16Mb)
RESERVED
RESERVED
L2 BOOT ROM 1 (0.5Mb)
L2 BOOT ROM 0 (0.5Mb)
L2 BOOT ROM 2 (0.5Mb)
0x 2022 0000
0x 2021 0000
0x 2000 0000
0x 0039 FFFF
0x 0038 0000
0x 0031 FFFF
0x 0030 0000
0x 002E FFFF
0x 002C 0000
0x 0026 FFFF
0x 0024 0000
0x 0000 0000
RESERVED
L1 BLOCK 3 SRAM (1Mb)
RESERVED
RESERVED
RESERVED
L1 BLOCK 2 SRAM (1Mb)
L1 BLOCK 1 SRAM (1.5Mb)
L1 BLOCK 0 SRAM (1.5Mb)
RESERVED/CORE MMRs/
OTHER MEMORY ALIASES
RESERVED
ARM L2 CONFIG REGS (4KB)
RESERVED
ARM BOOT (64KB)
0x 2000 0000
0x 1000 1000
0x 1000 0000
0x 0000 FFFF
0x 0000 0000
0x 28BA 0000
0x 28A4 0000
**
**FOR THE ADSP-SC595,THE 1MB (8Mb) L2 SRAM RANGE IS 0x20100000–0x201FFFFF.
(ARM BOOT ALIAS ADDRESS SPACE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com